Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IDT723663 Datasheet HTML 1Page - Renesas Technology Corp IDT723663 Datasheet HTML 2Page - Renesas Technology Corp IDT723663 Datasheet HTML 3Page - Renesas Technology Corp IDT723663 Datasheet HTML 4Page - Renesas Technology Corp IDT723663 Datasheet HTML 5Page - Renesas Technology Corp IDT723663 Datasheet HTML 6Page - Renesas Technology Corp IDT723663 Datasheet HTML 7Page - Renesas Technology Corp IDT723663 Datasheet HTML 8Page - Renesas Technology Corp IDT723663 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
2018 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5610/8
©
FEBRUARY 2018
CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36
8,192 x 36
IDT723663
IDT723673
COMMERCIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. SyncFIFO is a trademark of Integrated Device Technology, Inc.
LEAD FINISH (SnPb) ARE IN EOL PROCESS - LAST TIME BUY EXPIRES JUNE 15, 2018
FEATURES
••••• Memory storage capacity:
IDT723663
–
4,096 x 36
IDT723673
–
8,192 x 36
••••• Clock frequencies up to 83 MHz (8 ns access time)
••••• Clocked FIFO buffering data from Port A to Port B
••••• IDT Standard timing (using EF and FF) or First Word Fall
Through Timing (using OR and IR flag functions)
••••• Programmable Almost-Empty and Almost-Full flags; each has
five default offsets (8, 16, 64, 256 and 1,024)
••••• Serial or parallel programming of partial flags
••••• Port B bus sizing of 36 bits (long word), 18 bits (word) and 9 bits
(byte)
••••• Big- or Little-Endian format for word and byte bus sizes
••••• Retransmit Capability
••••• Reset clears data and configures FIFO, Partial Reset clears data
but retains configuration settings
••••• Mailbox bypass registers for each FIFO
••••• Free-running CLKA and CLKB may be asynchronous or
coincident (simultaneous reading and writing of data on a single
clock edge is permitted)
••••• Easily expandable in width and depth
••••• Auto power down minimizes power dissipation
••••• Available in a space-saving 128-pin Thin Quad Flatpack (TQFP)
••••• Pin compatible with the lower density parts, IDT723633/723643
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
FUNCTIONAL BLOCK DIAGRAM
Mail 1
Register
Programmable Flag
Offset Registers
Status Flag
Logic
EF/OR
AE
36
FF/IR
AF
36
Timing
Mode
FWFT
A0-A35
FS2
FS0/SD
FS1/
SEN
B0-B35
Write
Pointer
Read
Pointer
Mail 2
Register
MBF2
CLKB
CSB
W/RB
ENB
MBB
BE
BM
SIZE
Port-B
Control
Logic
13
5610 drw01
RAM ARRAY
4,096 x 36
8,192 x 36
CLKA
CSA
W/
RA
ENA
MBA
Port-A
Control
Logic
FIFO1
Mail1,
Mail2,
Reset
Logic
RS1
MBF1
36
PRS
36
36
RS2
36
FIFO
Retransmit
Logic
RT
RTM


Similar Part No. - IDT723663

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723663 IDT-IDT723663 Datasheet
323Kb / 29P
CMOS SyncFIFO WITH BUS-MATCHING
IDT723663L12PF IDT-IDT723663L12PF Datasheet
323Kb / 29P
CMOS SyncFIFO WITH BUS-MATCHING
IDT723663L15PF IDT-IDT723663L15PF Datasheet
323Kb / 29P
CMOS SyncFIFO WITH BUS-MATCHING
More results

Similar Description - IDT723663

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com