Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 8Page - Renesas Technology Corp IDT723663 Datasheet HTML 9Page - Renesas Technology Corp IDT723663 Datasheet HTML 10Page - Renesas Technology Corp IDT723663 Datasheet HTML 11Page - Renesas Technology Corp IDT723663 Datasheet HTML 12Page - Renesas Technology Corp IDT723663 Datasheet HTML 13Page - Renesas Technology Corp IDT723663 Datasheet HTML 14Page - Renesas Technology Corp IDT723663 Datasheet HTML 15Page - Renesas Technology Corp IDT723663 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
EF/OR is HIGH (see Table 3). FIFO reads on Port B are independent of any
concurrent writes on Port A.
ThesetupandholdtimeconstraintstotheportclocksfortheportChipSelects
and Write/Read selects are only for enabling write and read operations and
arenotrelatedtohigh-impedancecontrolofthedataoutputs.Ifaportenable
isLOWduringaclockcycle,theport’sChipSelectandWrite/Readselectmay
change states during the setup and hold time window of the cycle.
WhenoperatingtheFIFOinFWFTmodeandtheOutputReadyflagisLOW,
thenextwordwrittenisautomaticallysenttotheFIFO’soutputregisterbythe
LOW-to-HIGHtransitionoftheportclockthatsetstheOutputReadyflagHIGH.
WhentheOutputReadyflagisHIGH,dataresidingintheFIFO’smemoryarray
is clocked to the output register only when a read is selected using the port’s
ChipSelect,Write/Readselect,Enable,andMailboxselect.
When operating the FIFO in IDT Standard mode, regardless of whether
theEmptyFlagisLOWorHIGH,dataresidingintheFIFO’smemoryarrayis
clocked to the output register only when a read is selected using the port’s
Chip Select, Write/Read select, Enable, and Mailbox select. Port A Write
timing diagram can be found in Figure 7. Relevant Port B Read timing
diagrams together with Bus-Matching and Endian select can be found in
Figure 8, 9 and 10.
CSB
W/RB
ENB
MBB
CLKB
Data B (B0-B35) I/O
Port Functions
H
X
X
X
X
High-Impedance
None
L
L
L
X
X
Input
None
LL
H
L
↑
Input
None
LL
H
H
↑
Input
Mail2Write
L
H
L
L
X
Output
None
LH
H
L
↑
Output
FIFO read
L
H
L
H
X
Output
None
LH
H
H
↑
Output
Mail1 Read (Set MBF1 HIGH)
TABLE 3 — PORT-B ENABLE FUNCTION TABLE
CSA
W/RA
ENA
MBA
CLKA
Data A (A0-A35) I/O
Port Functions
H
X
X
X
X
High-Impedance
None
L
H
L
X
X
Input
None
LH
H
L
↑
Input
FIFOWrite
LH
H
H
↑
Input
Mail1Write
L
L
L
L
X
Output
None
LL
H
L
↑
Output
None
L
L
L
H
X
Output
None
LL
H
H
↑
Output
Mail2 Read (Set MBF2 HIGH)
TABLE 2 — PORT-A ENABLE FUNCTION TABLE
TABLE 4 — FIFO FLAG OPERATION (IDT STANDARD AND FWFT MODES)
Synchronized
Synchronize
Number of Words in FIFO(1,2)
to CLKB
to CLKA
IDT723663(3)
IDT723673(3)
EF/OR
AE
AF
FF/IR
00
L
L
H
H
1 to X
1 to X
H
L
H
H
(X+1)to[4,096-(Y+1)]
(X+1)to[8,192-(Y+1)]
HHHH
(4,096-Y)to4,095
(8,192-Y)to8,191
H
H
L
H
4,096
8,192
H
H
L
L
NOTES:
1. When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free.
2. Data in the output register does not count as a "word in FIFO memory". Since in FWFT mode, the first word written to an empty FIFO goes unrequested to the output
register (no read operation necessary), it is not included in the memory count.
3. X is the Almost-Empty offset used by AE. Y is the Almost-Full offset used by AF. Both X and Y are selected during a FIFO reset or Port A programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com