Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 9Page - Renesas Technology Corp IDT723663 Datasheet HTML 10Page - Renesas Technology Corp IDT723663 Datasheet HTML 11Page - Renesas Technology Corp IDT723663 Datasheet HTML 12Page - Renesas Technology Corp IDT723663 Datasheet HTML 13Page - Renesas Technology Corp IDT723663 Datasheet HTML 14Page - Renesas Technology Corp IDT723663 Datasheet HTML 15Page - Renesas Technology Corp IDT723663 Datasheet HTML 16Page - Renesas Technology Corp IDT723663 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
SYNCHRONIZED FIFO FLAGS
EachFIFOissynchronizedtoitsportclockthroughatleasttwoflip-flopstages.
This is done to improve flag-signal reliability by reducing the probability of
metastable events when CLKA and CLKB operate asynchronously to one
another. FF/IR, and AF are synchronized to CLKA. EF/OR and AE are
synchronizedtoCLKB.Table4showstherelationshipofeachportflagtothe
number of words stored in memory.
EMPTY/OUTPUTREADYFLAGS(EF/OR)
These are dual purpose flags. In the FWFT mode, the Output Ready (OR)
functionisselected.WhentheOutput-ReadyflagisHIGH,newdataispresent
intheFIFOoutputregister.WhentheOutputReadyflagisLOW,theprevious
datawordispresentintheFIFOoutputregisterandattemptedFIFOreadsare
ignored.
IntheIDTStandardmode,theEmptyFlag(EF)functionisselected.When
the Empty Flag is HIGH, data is available in the FIFO’s memory for reading to
the output register. When the Empty Flag is LOW, the previous data word is
present in the FIFO output register and attempted FIFO reads are ignored.
TheEmpty/OutputReadyflagofaFIFOissynchronizedtotheportclockthat
readsdatafromitsarray(CLKB).ForboththeFWFTandIDTStandardmodes,
theFIFOreadpointerisincrementedeachtimeanewwordisclockedtoitsoutput
register.ThestatemachinethatcontrolsanOutputReadyflagmonitorsawrite
pointerandreadpointercomparatorthatindicateswhentheFIFOmemorystatus
isempty,empty+1,orempty+2.
InFWFTmode,fromthetimeawordiswrittentoaFIFO,itcanbeshiftedto
theFIFOoutputregisterinaminimumofthreecyclesoftheOutputReadyflag
synchronizingclock.Therefore,anOutputReadyflagisLOWifawordinmemory
isthenextdatatobesenttotheFlFOoutputregisterandthreecyclesoftheport
ClockthatreadsdatafromtheFIFOhavenotelapsedsincethetimetheword
waswritten.TheOutputReadyflagoftheFIFOremainsLOWuntilthethirdLOW-
to-HIGHtransitionofthesynchronizingclockoccurs,simultaneouslyforcingthe
Output Ready flag HIGH and shifting the word to the FIFO output register.
In IDT Standard mode, from the time a word is written to a FIFO, the Empty
Flagwillindicatethepresenceofdataavailableforreadinginaminimumoftwo
cyclesoftheEmptyFlagsynchronizingclock.Therefore,anEmptyFlagisLOW
if a word in memory is the next data to be sent to the FlFO output register and
twocyclesoftheportClockthatreadsdatafromtheFIFOhavenotelapsedsince
thetimethewordwaswritten.TheEmptyFlagoftheFIFOremainsLOWuntil
thesecondLOW-to-HIGHtransitionofthesynchronizingclockoccurs,forcing
the Empty Flag HIGH; only then can data be read.
A LOW-to-HIGH transition on an Empty/Output Ready flag synchronizing
clockbeginsthefirstsynchronizationcycleofawriteiftheclocktransitionoccurs
attimetSKEW1orgreaterafterthewrite.Otherwise,thesubsequentclockcycle
can be the first synchronization cycle (see Figures 11 and 12).
FULL/INPUT READY FLAGS (FF/IR)
Thisisadualpurposeflag.InFWFTmode,theInputReady(IR)functionis
selected.InIDTStandardmode,theFullFlag(FF)functionisselected.Forboth
timingmodes,whentheFull/InputReadyflagisHIGH,amemorylocationisfree
in the FIFO to receive new data. No memory locations are free when the Full/
Input Ready flag is LOW and attempted writes to the FIFO are ignored.
TheFull/InputReadyflagofaFlFOissynchronizedtotheportclockthatwrites
data to its array (CLKA). For both FWFT and IDT Standard modes, each time
awordiswrittentoaFIFO,itswritepointerisincremented.Thestatemachine
that controls a Full/Input Ready flag monitors a write pointer and read pointer
comparatorthatindicateswhentheFlFOmemorystatusisfull,full-1,orfull-2.
FromthetimeawordisreadfromaFIFO,itspreviousmemorylocationisready
to be written to in a minimum of two cycles of the Full/Input Ready flag
synchronizingclock.Therefore,anFull/InputReadyflagisLOWiflessthantwo
cyclesoftheFull/InputReadyflagsynchronizingclockhaveelapsedsincethe
next memory write location has been read. The second LOW-to-HIGH
transitionontheFull/InputReadyflagsynchronizingclockafterthereadsets
the Full/Input Ready flag HIGH.
ALOW-to-HIGHtransitiononaFull/InputReadyflagsynchronizingclock
beginsthefirstsynchronizationcycleofareadiftheclocktransitionoccursat
timetSKEW1orgreateraftertheread.Otherwise,thesubsequentclockcycle
can be the first synchronization cycle (see Figures 13 and 14).
ALMOST-EMPTY FLAG (AE)
TheAlmost-EmptyflagofaFIFOissynchronizedtotheportclockthatreads
datafromitsarray(CLKB).ThestatemachinethatcontrolsanAlmost-Empty
flagmonitorsawritepointerandreadpointercomparatorthatindicateswhen
theFIFOmemorystatusisalmost-empty,almost-empty+1,oralmost-empty+2.
TheAlmost-EmptystateisdefinedbythecontentsofregisterX.Theseregisters
areloadedwithpresetvaluesduringaFIFOreset,programmedfromPortA,
or programmed serially (see Almost-Empty flag and Almost-Full flag offset
programmingsection).AnAlmost-EmptyflagisLOWwhenitsFIFOcontains
XorlesswordsandisHIGHwhenitsFIFOcontains(X+1)ormorewords.Note
thatadatawordpresentintheFIFOoutputregisterhasbeenreadfrommemory.
TwoLOW-to-HIGHtransitionsoftheAlmost-Emptyflagsynchronizingclock
arerequiredafteraFIFOwriteforitsAlmost-Emptyflagtoreflectthenewlevel
of fill. Therefore, the Almost-Empty flag of a FIFO containing (X+1) or more
wordsremainsLOWiftwocyclesofitssynchronizingclockhavenotelapsed
sincethewritethatfilledthememorytothe(X+1)level.AnAlmost-Emptyflag
issetHIGHbythesecondLOW-to-HIGHtransitionofitssynchronizingclock
aftertheFIFOwritethatfillsmemorytothe(X+1)level.ALOW-to-HIGHtransition
ofanAlmost-Emptyflagsynchronizingclockbeginsthefirstsynchronization
cycleifitoccursattimetSKEW2orgreaterafterthewritethatfillstheFIFOto(X+1)
words.Otherwise,thesubsequentsynchronizingclockcyclemaybethefirst
synchronization cycle. (See Figure 15).
ALMOST-FULL FLAG (AF)
TheAlmost-FullflagofaFIFOissynchronizedtotheportclockthatwrites
datatoitsarray.ThestatemachinethatcontrolsanAlmost-Fullflagmonitors
a write pointer and read pointer comparator that indicates when the FIFO
memorystatusisalmost-full,almost-full-1,oralmost-full-2.TheAlmost-Fullstate
isdefinedbythecontentsofregisterY.Theseregistersareloadedwithpreset
values during a FlFO reset or, programmed from Port A, or programmed
serially (see Almost-Empty flag and Almost-Full flag offset programming
section).AnAlmost-FullflagisLOWwhenthenumberofwordsinitsFIFOis
greater than or equal to (4,096-Y), or (8,192-Y) for the IDT723663, or
IDT723673 respectively. An Almost-Full flag is HIGH when the number of
words in its FIFO is less than or equal to [4,096-(Y+1)], or [8,192-(Y+1)] for
theIDT723663,orIDT723673respectively.Notethatadatawordpresentin
the FIFO output register has been read from memory.
TwoLOW-to-HIGHtransitionsoftheAlmost-Fullflagsynchronizingclockare
requiredafteraFIFOreadforitsAlmost-Fullflagtoreflectthenewleveloffill.
Therefore,theAlmost-FullflagofaFIFOcontaining[4,096/8,192-(Y+1)]orless
wordsremainsLOWiftwocyclesofitssynchronizingclockhavenotelapsed
sincethereadthatreducedthenumberofwordsinmemoryto[4,096/8,192-
(Y+1)].AnAlmost-FullflagissetHIGHbythesecondLOW-to-HIGHtransition
ofitssynchronizingclockaftertheFIFOreadthatreducesthenumberofwords
inmemoryto[4,096/8,192-(Y+1)].ALOW-to-HIGHtransitionofanAlmost-Full
flagsynchronizingclockbeginsthefirstsynchronizationcycleifitoccursattime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com