Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 22Page - Renesas Technology Corp IDT723663 Datasheet HTML 23Page - Renesas Technology Corp IDT723663 Datasheet HTML 24Page - Renesas Technology Corp IDT723663 Datasheet HTML 25Page - Renesas Technology Corp IDT723663 Datasheet HTML 26Page - Renesas Technology Corp IDT723663 Datasheet HTML 27Page - Renesas Technology Corp IDT723663 Datasheet HTML 28Page - Renesas Technology Corp IDT723663 Datasheet HTML 29Page - Renesas Technology Corp IDT723663 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
5610 drw24
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
30 pF
1.1K
Ω
5.0 V
680
Ω
PROPAGATION DELAY
LOAD CIRCUIT
3 V
GND
Timing
Input
Data,
Enable
Input
GND
3 V
1.5 V
1.5 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATIONS
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
3 V
GND
GND
3 V
1.5 V
1.5 V
1.5 V
1.5 V
tW
Output
Enable
Low-Level
Output
High-Level
Output
3 V
OL
GND
≈ 3 V
1.5 V
1.5 V
1.5 V
1.5 V
OH
≈ OV
GND
OH
OL
1.5 V
1.5 V
1.5 V
1.5 V
Input
In-Phase
Output
High-Level
Input
Low-Level
Input
V
V
V
V
1.5 V
3 V
tS
th
tPLZ
tPHZ
tPZL
tPZH
tPD
tPD
(1)
Figure 21. Block Diagram of 512 x 36, 1,024 x 36 Synchronous FIFO Memory with
Programmable Flags used in Depth Expansion Configuration
NOTES:
1. Mailbox feature is not supported in depth expansion applications. (MBA + MBB tie to GND)
2. Transfer clock should be set either to the Write Port Clock (CLKA) or the Read Port Clock (CLKB), whichever is faster.
3. The amount of time it takes for EF/OR of the last FIFO in the chain to go HIGH (i.e. valid data to appear on the last FIFO’s outputs) after a word has been written to the first FIFO is the
sum of the delays for each individual FIFO: (N - 1)*(4*transfer clock) + 3*TRCLK, where N is the number of FIFOs in the expansion and TRCLK is the CLKB period.
4. The amount of time it takes for FF/IR of the first FIFO in the chain to go HIGH after a word has been read from the last FIFO is the sum of the delays for each individual FIFO:
(N - 1)*(3*transfer clock) + 2*TWCLK, where N is the number of FIFOs in the expansion and TWCLK is the CLKA period.
DATA IN (Dn)
READ CLOCK (CLKB)
READ ENABLE (ENB)
EMPTY FLAG/
OUTPUT READY (
EF/OR)
CHIP SELECT (
CSB)
DATA OUT (Qn)
TRANSFER CLOCK
5610 drw23
IDT
723663
723673
VCC
IDT
723663
723673
WRITE
READ
A0-A35
MBA
CHIP SELECT (
CSA)
WRITE SELECT (W/
RA)
WRITE ENABLE (ENA)
ALMOST-FULL FLAG (
AF)
FULL FLAG/
INPUT READY (
FF/IR)
WRITE CLOCK (CLKA)
CLKB
EF/OR
ENB
CSB
B0-B35
W/RB
MBB
CLKA
ENA
FF/IR
CSA
MBA
A0-A35
W/
RA
READ SELECT
(
W/RB)
ALMOST-EMPTY FLAG (
AE)
B0-B35
MBB
VCC
n
n
n
Qn
Dn
VCC
VCC
NOTE:
1. Includes probe and jig capacitance.
Figure 22. Load Circuit and Voltage Waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com