Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 3 Page - Renesas Technology Corp

  IDT723663 Datasheet HTML 1Page - Renesas Technology Corp IDT723663 Datasheet HTML 2Page - Renesas Technology Corp IDT723663 Datasheet HTML 3Page - Renesas Technology Corp IDT723663 Datasheet HTML 4Page - Renesas Technology Corp IDT723663 Datasheet HTML 5Page - Renesas Technology Corp IDT723663 Datasheet HTML 6Page - Renesas Technology Corp IDT723663 Datasheet HTML 7Page - Renesas Technology Corp IDT723663 Datasheet HTML 8Page - Renesas Technology Corp IDT723663 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
Communication between each port may bypass the FIFO via two mailbox
registers.Themailboxregisters'widthmatchestheselectedPortBbuswidth.
Each mailbox register has a flag (MBF1 and MBF2) to signal when new mail
has been stored.
Two kinds of reset are available on these FIFOs: Reset and Partial Reset.
Resetinitializesthereadandwritepointerstothefirstlocationofthememoryarray
andselectsserialflagprogramming,parallelflagprogramming,oroneoffive
possibledefaultflagoffsetsettings,8,16,64,256or1,024.
PartialResetalsosetsthereadandwritepointerstothefirstlocationofthe
memory. Unlike Reset, any settings existing prior to Partial Reset (i.e.,
programmingmethodandpartialflagdefaultoffsets)areretained.PartialReset
is useful since it permits flushing of the FIFO memory without changing any
configurationsettings.
TheFIFOhasRetransmitcapability,aRetransmitisperformedafterfourclock
cycles of CLKA and CLKB, by taking the Retransmit pin, RT LOW while the
RetransmitModepin,RTMisHIGH.WhenaRetransmitisperformedtheread
pointerisresettothefirstmemorylocation.
Thesedeviceshavetwomodesofoperation:IntheIDTStandardmode,the
firstwordwrittentoanemptyFIFOisdepositedintothememoryarray.Aread
operation is required to access that word (along with all other words residing
inmemory).IntheFirstWordFallThroughmode(FWFT),thefirstwordwritten
to an empty FIFO appears automatically on the outputs, no read operation
required (Nevertheless, accessing subsequent words does necessitate a
formalreadrequest).ThestateoftheBE/FWFTpinduringResetdetermines
the mode in use.
The FIFO has a combined Empty/Output Ready Flag (EF/OR ) and a
combinedFull/InputReadyFlag(FF/IR).TheEFandFFfunctionsareselected
in the IDT Standard mode. EF indicates whether or not the FIFO memory is
empty. FF shows whether the memory is full or not. The IR and OR functions
areselectedintheFirstWordFallThroughmode.IRindicateswhetherornot
theFIFOhasavailablememorylocations.ORshowswhethertheFIFOhasdata
availableforreadingornot.Itmarksthepresenceofvaliddataontheoutputs.
TheFIFOhasaprogrammableAlmost-Emptyflag(AE)andaprogrammable
Almost-Fullflag(AF). AEindicateswhenaselectednumberofwordsremain
intheFIFOmemory.AFindicateswhentheFIFOcontainsmorethanaselected
number of words.
FF/IR andAF aretwo-stagesynchronizedtotheportclockthatwritesdata
intoitsarray.EF/ORandAEaretwo-stagesynchronizedtotheportclockthat
reads data from its array. Programmable offsets for AE and AF are loaded in
parallelusingPortAorinserialviatheSDinput.Fivedefaultoffsetsettingsare
alsoprovided.TheAEthresholdcanbesetat8,16,64,256or1,024locations
from the empty boundary and the AF threshold can be set at 8, 16, 64, 256 or
1,024locationsfromthefullboundary.AllthesechoicesaremadeusingtheFS0,
FS1 and FS2 inputs during Reset.
InterspersedParityisavailableandcanbeselectedduringaMasterReset
oftheFIFO.IfInterspersedParityisselectedthenduringparallelprogramming
oftheflagoffsetvalues,thedevicewillignoredatalineA8.IfNon-Interspersed
Parity is selected then data line A8 will become a valid bit.
Two or more devices may be used in parallel to create wider data paths. In
First Word Fall Through mode, more than one device may be connected in
seriestocreategreaterworddepths.Theadditionofexternalcomponentsis
unnecessary.
If, at any time, the FIFO is not actively performing a function, the chip will
automatically power down. During the power down state, supply current
consumption(ICC)isataminimum.Initiatinganyoperation(byactivatingcontrol
inputs)willimmediatelytakethedeviceoutofthePowerDownstate.
TheIDT723663/723673arecharacterizedforoperationfrom0
°Cto70°C.
Industrial temperature range (-40
°C to +85°C) is available by special order.
They are fabricated using high speed, submicron CMOS technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com