Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 10Page - Renesas Technology Corp IDT723663 Datasheet HTML 11Page - Renesas Technology Corp IDT723663 Datasheet HTML 12Page - Renesas Technology Corp IDT723663 Datasheet HTML 13Page - Renesas Technology Corp IDT723663 Datasheet HTML 14Page - Renesas Technology Corp IDT723663 Datasheet HTML 15Page - Renesas Technology Corp IDT723663 Datasheet HTML 16Page - Renesas Technology Corp IDT723663 Datasheet HTML 17Page - Renesas Technology Corp IDT723663 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
tSKEW2orgreaterafterthereadthatreducesthenumberofwordsinmemory
to[4,096/8,192-(Y+1)].Otherwise,thesubsequentsynchronizingclockcycle
may be the first synchronization cycle (see Figure 16).
MAILBOX REGISTERS
Two 36-bit bypass registers are on the IDT723663/723673 to pass
commandandcontrolinformationbetweenPortAandPortBwithoutputtingit
in queue. The Mailbox select (MBA, MBB) inputs choose between a mail
registerandaFIFOforaportdatatransferoperation.Theusablewidthofboth
the Mail1 and Mail2 Registers matches the selected bus size for Port B.
ALOW-to-HIGHtransitiononCLKAwritesdatatotheMail1Registerwhen
a Port A write is selected by CSA, W/RA, and ENA with MBA HIGH. If the
selectedPortBbussizeis36bits,theusablewidthoftheMail1Registeremploys
datalinesA0-A35.IftheselectedPortBbussizeis18bits,thentheusablewidth
of the Mail1 Register employs data lines A0-A17. (In this case, A18-A35 are
don’tcareinputs.)IftheselectedPortBbussizeis9bits,thentheusablewidth
oftheMail1RegisteremploysdatalinesA0-A8.(Inthiscase,A9-A35aredon’t
careinputs.)
ALOW-to-HIGHtransitiononCLKBwritesB0-B35datatotheMail2Register
when a Port B write is selected by CSB, W/RB, and ENB with MBB HIGH. If
the selected Port B bus size is 36 bits, the usable width of the Mail2 employs
datalinesB0-B35.IftheselectedPortBbussizeis18bits,thentheusablewidth
of the Mail2 Register employs data lines B0-B17. (In this case, B18-B35 are
don’tcareinputs.)IftheselectedPortBbussizeis9bits,thentheusablewidth
oftheMail2RegisteremploysdatalinesB0-B8.(Inthiscase,B9-B35aredon’t
careinputs.)
Writingdatatoamailregistersetsitscorrespondingflag(MBF1orMBF2)
LOW.AttemptedwritestoamailregisterareignoredwhilethemailflagisLOW.
Whendataoutputsofaportareactive,thedataonthebuscomesfromthe
FIFOoutputregisterwhentheportMailboxselectinputisLOWandfromthe
mail register when the port Mailbox select input is HIGH.
TheMail1RegisterFlag(MBF1)issetHIGHbyaLOW-to-HIGHtransition
on CLKB when a Port B read is selected by CSB, W/RB, and ENB with MBB
HIGH.Fora36-bitbussize,36bitsofmailboxdataareplacedonB0-B35.For
an18-bitbussize,18bitsofmailboxdataareplacedonB0-B17.(Inthiscase,
B18-B35 are indeterminate.) For a 9-bit bus size, 9 bits of mailbox data are
placed on B0-B8. (In this case, B9-B35 are indeterminate.)
TheMail2RegisterFlag(MBF2)issetHIGHbyaLOW-to-HIGHtransition
on CLKA when a Port A read is selected by CSA, W/RA, and ENA with MBA
HIGH.
Fora36-bitbussize,36bitsofmailboxdataareplacedonA0-A35.Foran
18-bitbussize,18bitsofmailboxdataareplacedonA0-A17.(Inthiscase,A18-
A35areindeterminate.)Fora9-bitbussize,9bitsofmailboxdataareplaced
on A0-A8. (In this case, A9-A35 are indeterminate.)
Thedatainamailregisterremainsintactafteritisreadandchangesonlywhen
new data is written to the register. The Endian select feature has no effect on
mailboxdata.Formailregisterandmailregisterflagtimingdiagrams,seeFigure
17 and 18.
BUS SIZING
The Port B bus can be configured in a 36-bit long word, 18-bit word, or 9-
bitbyteformatfordatareadfromtheFIFO.ThelevelsappliedtothePortBBus
Sizeselect(SIZE)andtheBus-Matchselect(BM)determinethePortBbussize.
These levels should be static throughout FIFO operation. Both bus size
selectionsareimplementedatthecompletionofReset,bythetimetheFull/Input
Ready flag is set HIGH, as shown in Figure 2.
TwodifferentmethodsforsequencingdatatransferareavailableforPortB
when the bus size selection is either byte-or word-size. They are referred to
asBig-Endian(mostsignificantbytefirst)andLittle-Endian(leastsignificantbyte
first).ThelevelappliedtotheBig-Endianselect(BE)inputduringtheLOW-to-
HIGHtransitionofRS1selectstheendianmethodthatwillbeactiveduringFIFO
operation.BEisadon’tcareinputwhenthebussizeselectedforPortBislong
word.TheendianmethodisimplementedatthecompletionofReset,bythetime
the Full/Input Ready flag is set HIGH, as shown in Figure 2.
Only36-bitlongworddataiswrittentoorreadfromtheFIFOmemoryonthe
IDT723663/723673.Bus-matchingoperationsaredoneafterdataisreadfrom
the FIFO RAM. These bus-matching operations are not available when
transferringdataviamailboxregisters.Furthermore,boththeword-andbyte-
sizebusselectionslimitthewidthofthedatabusthatcanbeusedformailregister
operations.Inthiscase,onlythosebytelanesbelongingtotheselectedword-
or byte-size bus can carry mailbox data. The remaining data outputs will be
indeterminate.Theremainingdatainputswillbedon’tcareinputs.Forexample,
when a word-size bus is selected, then mailbox data can be transmitted only
betweenA0-A17andB0-B17.Whenabyte-sizebusisselected,thenmailbox
datacanbetransmittedonlybetweenA0-A8andB0-B8.(SeeFigures17and
18).
BUS-MATCHING FIFO READS
DataisreadfromtheFIFORAMin36-bitlongwordincrements.Ifalongword
bussizeisimplemented,theentirelongwordimmediatelyshiftstotheFIFOoutput
register.IfbyteorwordsizeisimplementedonPortB,onlythefirstoneortwo
bytesappearontheselectedportionoftheFIFOoutputregister,withtherest
of the long word stored in auxiliary registers. In this case, subsequent FIFO
reads output the rest of the long word to the FIFO output register in the order
shown by Figure 2.
When reading data from FIFO in byte or word format, the unused B0-B35
outputsareindeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com