Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 5Page - Renesas Technology Corp IDT723663 Datasheet HTML 6Page - Renesas Technology Corp IDT723663 Datasheet HTML 7Page - Renesas Technology Corp IDT723663 Datasheet HTML 8Page - Renesas Technology Corp IDT723663 Datasheet HTML 9Page - Renesas Technology Corp IDT723663 Datasheet HTML 10Page - Renesas Technology Corp IDT723663 Datasheet HTML 11Page - Renesas Technology Corp IDT723663 Datasheet HTML 12Page - Renesas Technology Corp IDT723663 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
Commercial
IDT723663L12
IDT723663L15
IDT723673L12
IDT723673L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ to A0-A35 and CLKB↑ to B0-B35
2
8
2
10
ns
tWFF
Propagation Delay Time, CLKA
↑ to FF/IR
2
8
2
8
ns
tREF
Propagation Delay Time, CLKB
↑ to EF/OR
1
8
1
8
ns
tPAE
Propagation Delay Time, CLKB
↑ to AE
18
1
8
ns
tPAF
Propagation Delay Time, CLKA
↑ to AF
18
1
8
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1LOW or MBF2and CLKB↑ to MBF2
08
0
8
ns
LOW or MBF1 HIGH
tPMR
Propagation Delay Time, CLKA
↑ to B0-B35(1) and CLKB↑ to A0-A35(2)
28
2
10
ns
tMDV
Propagation Delay Time, MBA to A0-A35 valid and MBB to B0-B35 Valid
2
8
2
10
ns
tRSF
Propagation Delay Time, RS1 or PRS LOW to AE LOW, AF HIGH, MBF1 HIGH
1
10
1
15
ns
and MBF2 HIGH
tEN
Enable Time, CSAand W/RALOW to A0-A35 Active and CSBLOW and W/RB HIGH to
2
6
2
10
ns
B0-B35Active
tDIS
Disable Time, CSAor W/RAHIGH to A0-A35 at highimpedance and CSBHIGH
1
6
1
8
ns
or W/RB LOW to B0-B35 at high impedance
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30 pF
NOTES:
1. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
3. Industrial temperature range is available by special order.
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com