Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 16Page - Renesas Technology Corp IDT723663 Datasheet HTML 17Page - Renesas Technology Corp IDT723663 Datasheet HTML 18Page - Renesas Technology Corp IDT723663 Datasheet HTML 19Page - Renesas Technology Corp IDT723663 Datasheet HTML 20Page - Renesas Technology Corp IDT723663 Datasheet HTML 21Page - Renesas Technology Corp IDT723663 Datasheet HTML 22Page - Renesas Technology Corp IDT723663 Datasheet HTML 23Page - Renesas Technology Corp IDT723663 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
BM
SIZE
BE
A35-A27
A26-A18
A17-A9
A8-A0
B8-B0
HHH
A
B
C
D
HH
L
A
B
C
D
1D
2C
3B
4A
Figure 10. Port B Byte Read Cycle Timing (IDT Standard and FWFT Modes)
NOTE:
1. BE is selected at Reset: BM and SIZE must be static throughout device operation.
SIZE MODE(1)
DATA WRITTEN TO FIFO
READ
DATA READ
NO.
FROM FIFO
NOTE:
1. Unused bytes B9-B17, B18-B26, and B27-B35 are indeterminate.
1A
2B
3C
4D
DATA SIZE TABLE FOR BYTE READS
EF/OR
MBB
CSB
W/RB
ENB
CLKB
5610 drw12
HIGH
B0-B8
B0-B8
Read 5
Read 2
Read 3
Read 4
Read 1
Read 4
Previous Data
Read 2
No Operation
tDIS
tDIS
tA
tA
tA
tA
tA
tA
tENS2
tENH
tA
tA
Read 1
(Standard Mode)
(FWFT Mode)
tEN
tMDV
tMDV
tEN
OR
Read 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com