Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 2Page - Renesas Technology Corp IDT723663 Datasheet HTML 3Page - Renesas Technology Corp IDT723663 Datasheet HTML 4Page - Renesas Technology Corp IDT723663 Datasheet HTML 5Page - Renesas Technology Corp IDT723663 Datasheet HTML 6Page - Renesas Technology Corp IDT723663 Datasheet HTML 7Page - Renesas Technology Corp IDT723663 Datasheet HTML 8Page - Renesas Technology Corp IDT723663 Datasheet HTML 9Page - Renesas Technology Corp IDT723663 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
Symbol
Rating
Commercial
Unit
VCC
SupplyVoltageRange
–0.5 to +7.0
V
VI(2)
InputVoltageRange
–0.5toVCC+0.5
V
VO(2)
OutputVoltageRange
–0.5toVCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
ContinuousCurrentThroughVCC orGND
±400
mA
TSTG
StorageTemperatureRange
–65to+150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device
at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
Symbol
Parameter
Min.
Max.
Unit
VCC
SupplyVoltage
4.5
5.5
V
VIH
High-LevelInputVoltage
2
—
V
VIL
Low-LevelInputVoltage
—
0.8
V
IOH
High-LevelOutputCurrent
—
–4
mA
IOL
Low-LevelOutputCurrent
—
8
mA
TA
OperatingTemperature
0
+70
°C
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-
AIR TEMPERATURE RANGE (Unless otherwise noted)
NOTES:
1. All typical values are at VCC = 5V, TA = 25
°C.
2. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
3. Characterized values, not currently tested.
4. Industrial temperature range is available by special order.
IDT723663
IDT723673
Commercial
tCLK = 12, 15 ns
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VOH
OutputLogic"1"Voltage
VCC = 4.5V,
IOH = –4 mA
2.4
—
—
V
VOL
OutputLogic"0"Voltage
VCC = 4.5V,
IOL = 8 mA
—
—
0.5
V
ILI
InputLeakageCurrent(AnyInput)
VCC = 5.5V,
VI = VCC or 0
—
—
±10
µA
ILO
OutputLeakageCurrent
VCC = 5.5V,
VO = VCC or 0
—
—
±10
µA
ICC2(2)
Standby Current (with CLKA & CLKB running)
VCC = 5.5V,
VI = VCC –0.2V or 0V
—
—
8
mA
ICC3(2)
StandbyCurrent(noclocksrunning)
VCC = 5.5V,
VI = VCC –0.2V or 0V
—
—
1
mA
CIN(3)
InputCapacitance
VI = 0,
f = 1 MHz
—
4
—
pF
COUT(3) OutputCapacitance
VO = 0,
f = 1 MHZ
—
8
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com