Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 4 Page - Analog Devices

  ADN2817 Datasheet HTML 1Page - Analog Devices ADN2817 Datasheet HTML 2Page - Analog Devices ADN2817 Datasheet HTML 3Page - Analog Devices ADN2817 Datasheet HTML 4Page - Analog Devices ADN2817 Datasheet HTML 5Page - Analog Devices ADN2817 Datasheet HTML 6Page - Analog Devices ADN2817 Datasheet HTML 7Page - Analog Devices ADN2817 Datasheet HTML 8Page - Analog Devices ADN2817 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 4 of 35
Parameter
Conditions
Min
Typ
Max
Unit
DATA RATE READBACK ACCURACY
Coarse Readback
(See Table 14)
10
%
Fine Readback
In addition to REFCLK accuracy
Data rate < 20 Mb/s
200
ppm
Data rate > 20 Mb/s
100
ppm
POWER SUPPLY VOLTAGE
3.0
3.3
3.6
V
POWER SUPPLY CURRENT
200
TBD
mA
OPERATING TEMPERATURE RANGE
–40
+85
°C
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 uF, SLICEP = SLICEN = VEE, Input Data Pattern: PRBS 223 − 1,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Transfer BW
OC-48
TBD
kHz
OC-12
TBD
kHz
OC-3
TBD
kHz
Jitter Peaking
OC-48
0
TBD
dB
OC-12
0
TBD
dB
OC-3
0
TBD
dB
Jitter Generation
OC-48, 12 kHz to 20 MHz
0.001
TBD
UI rms
0.02
TBD
UI p-p
OC-12, 12 kHz to 5 MHz
0.001
TBD
UI rms
0.01
TBD
UI p-p
OC-3, 12 kHz to 1.3 MHz
0.001
TBD
UI rms
0.01
TBD
UI p-p
Jitter Tolerance
OC-48, 223 − 1 PRBS
600 Hz
TBD
UI p-p
6 kHz
TBD
UI p-p
100 kHz
TBD
UI p-p
1 MHz
TBD
UI p-p
20 MHz
TBD
UI p-p
OC-12, 223 − 1 PRBS
30 Hz1
TBD
UI p-p
300 Hz1
TBD
UI p-p
25 kHz
TBD
UI p-p
250 kHz1
TBD
UI p-p
OC-3, 223 − 1 PRBS
30 Hz1
TBD
UI p-p
300 Hz1
TBD
UI p-p
6500 Hz
TBD
UI p-p
65 kHz
TBD
UI p-p
Power Supply Rejection
See Figure XX.
TBD
dB
1 Jitter tolerance of the ADN2817/ADN2818 at these jitter frequencies is better than what the test equipment is able to measure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com