Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 16 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 12Page - Analog Devices ADN2817 Datasheet HTML 13Page - Analog Devices ADN2817 Datasheet HTML 14Page - Analog Devices ADN2817 Datasheet HTML 15Page - Analog Devices ADN2817 Datasheet HTML 16Page - Analog Devices ADN2817 Datasheet HTML 17Page - Analog Devices ADN2817 Datasheet HTML 18Page - Analog Devices ADN2817 Datasheet HTML 19Page - Analog Devices ADN2817 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 16 of 35
JITTER SPECIFICATIONS
The ADN2817/ADN2818 CDR is designed to achieve the best
bit-error-rate (BER) performance and exceeds the jitter transfer,
generation, and tolerance specifications proposed for
SONET/SDH equipment defined in the Telcordia Technologies
specification.
Jitter is the dynamic displacement of digital signal edges from
their long-term average positions, measured in unit intervals
(UI), where 1 UI = 1 bit period. Jitter on the input data can
cause dynamic phase errors on the recovered clock sampling
edge. Jitter on the recovered clock causes jitter on the
retimed data.
The following sections briefly summarize the specifications of
jitter generation, transfer, and tolerance in accordance with the
Telcordia document (GR-253-CORE, Issue 3, September 2000)
for the optical interface at the equipment level and the
ADN2817/ADN2818 performance with respect to those
specifications.
JITTER GENERATION
The jitter generation specification limits the amount of jitter
that can be generated by the device with no jitter and wander
applied at the input. For OC-48 devices, the band-pass filter
has a 12 kHz high-pass cutoff frequency with a roll-off of
20 dB/decade, and a low-pass cutoff frequency of at least
20 MHz. The jitter generated must be less than 0.01 UI rms, and
must be less than 0.1 UI p-p.
JITTER TRANSFER
The jitter transfer function is the ratio of the jitter on the output
signal to the jitter applied on the input signal versus the
frequency. This parameter measures the limited amount of the
jitter on an input signal that can be transferred to the output
signal (see Figure 15).
0.1
ACCEPTABLE
RANGE
fC
JITTER FREQUENCY (kHz)
SLOPE = –20dB/DECADE
Figure 15. Jitter Transfer Curve
JITTER TOLERANCE
The jitter tolerance is defined as the peak-to-peak amplitude of
the sinusoidal jitter applied on the input signal, which causes a
1 dB power penalty. This is a stress test intended to ensure that
no additional penalty is incurred under the operating
conditions (see Figure 16).
15.00
1.50
0.15
f0
f1
f2
f3
f4
JITTER FREQUENCY (kHz)
SLOPE = –20dB/DECADE
Figure 16. SONET Jitter Tolerance Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com