Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 18 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 14Page - Analog Devices ADN2817 Datasheet HTML 15Page - Analog Devices ADN2817 Datasheet HTML 16Page - Analog Devices ADN2817 Datasheet HTML 17Page - Analog Devices ADN2817 Datasheet HTML 18Page - Analog Devices ADN2817 Datasheet HTML 19Page - Analog Devices ADN2817 Datasheet HTML 20Page - Analog Devices ADN2817 Datasheet HTML 21Page - Analog Devices ADN2817 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 18 of 35
At medium jitter frequencies, the gain and tuning range of the
VCO are not large enough to track input jitter. In this case, the
VCO control voltage becomes large and saturates, and the VCO
frequency dwells at one extreme of its tuning range or the other.
The size of the VCO tuning range, therefore, has only a small
effect on the jitter accommodation. The delay-locked loop
control voltage is now larger, and so the phase shifter takes on
the burden of tracking the input jitter. The phase shifter range,
in UI, can be seen as a broad plateau on the jitter tolerance
curve. The phase shifter has a minimum range of 2 UI at all
data rates.
The gain of the loop integrator is small for high jitter
frequencies, so that larger phase differences are needed to make
the loop control voltage big enough to tune the range of the
phase shifter. Large phase errors at high jitter frequencies
cannot be tolerated. In this region, the gain of the integrator
determines the jitter accommodation. Because the gain of the
loop integrator declines linearly with frequency, jitter accom-
modation is lower with higher jitter frequency. At the highest
frequencies, the loop gain is very small, and little tuning of the
phase shifter can be expected. In this case, jitter
accommodation is determined by the eye opening of the input
data, the static phase error, and the residual loop jitter
generation. The jitter accommodation is roughly 0.5 UI in this
region. The corner frequency between the declining slope and
the flat region is the closed loop bandwidth of the delay-locked
loop, which is roughly 3 MHz at OC-48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com