Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 1 Page - Analog Devices

  ADN2817 Datasheet HTML 1Page - Analog Devices ADN2817 Datasheet HTML 2Page - Analog Devices ADN2817 Datasheet HTML 3Page - Analog Devices ADN2817 Datasheet HTML 4Page - Analog Devices ADN2817 Datasheet HTML 5Page - Analog Devices ADN2817 Datasheet HTML 6Page - Analog Devices ADN2817 Datasheet HTML 7Page - Analog Devices ADN2817 Datasheet HTML 8Page - Analog Devices ADN2817 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Continuous Rate 12.3Mb/s to 2.7Gb/s
Clock and Data Recovery ICs
Preliminary Technical Data
ADN2817/ADN2818
Rev.PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Serial data input: 12.3 Mb/s to 2.7 Gb/s
Exceeds ITU-T Jitter Specifications
Integrated Limiting Amp: 6mV sensitivity (ADN2817 only)
Adjustable slice level: ±100 mV (ADN2817 only)
Patented dual-loop clock recovery architecture
Programmable LOS detect (ADN2817 only)
Slice level and sample phase adjustments (ADN2817 only)
Integrated PRBS Generator and Detector
No reference clock required
Loss of lock indicator
Supports Double Data Rate
Relative Bit Error Rate Monitor
Rate Selectivity without the use of a reference clock
I2C™ interface to access optional features
Single-supply operation: 3.3 V
Low power: 650/600 mW (ADN2817/ADN2818)
5 mm × 5 mm 32-lead LFCSP
APPLICATIONS
SONET OC-1/3/12/48 and all associated FEC rates
Fibre Channel, 2× Fibre Channel , GbE, HDTV, etc.
WDM transponders
Regenerators/repeaters
Test equipment
PRODUCT DESCRIPTION
The ADN2817/ADN2818 provides the receiver functions of
quantization, signal level detect, and clock and data recovery for
continuous data rates from 12.3 Mb/s to 2.7 Gb/s. The
ADN2817/ADN2818 automatically locks to all data rates
without the need for an external reference clock or
programming. All SONET jitter requirements are exceeded,
including jitter transfer, jitter generation, and jitter tolerance.
All specifications are quoted for −40°C to +85°C ambient
temperature, unless otherwise noted.
This device, together with a PIN diode and a TIA preamplifier,
can implement a highly integrated, low cost, low power fiber
optic receiver.
The ADN2817/ADN2818 have many optional features available
via an I2C interface, e.g. the user can read back the data rate that
the ADN2817/ADN2818 is locked on to, or the user can set the
device to only lock to one particular data rate if provisioning of
data rates is required.
The ADN2817/ADN2818 is available in a compact 5 mm × 5
mm 32-lead chip scale package.
FUNCTIONAL
BLOCK DIAGRAM
Figure 1 ADN2817/ADN2818 Functional Block Diagram
LOS Detect
(ADN2817
only)
SLICEP/N
PIN
NIN
Phase
Shifter
Phase
Det.
Loop
Filter
Σ
Data
Re-Timing
CF1
CF2
LOL
THRADJ
SDOUT
DATAOUTP/N
CLKOUTP/N
VREF
VCC VEE
Loop
Filter
Freq/
Lock
Det
REFCLKP/N
(optional)
Slice Adjust
(ADN2817
only)
I2C
Registers
VCO
SCK SDA


Similar Part No. - ADN2817

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
841Kb / 38P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. G
ADN2817ACPZ AD-ADN2817ACPZ Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817ACPZ AD-ADN2817ACPZ Datasheet
841Kb / 38P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. G
ADN2817ACPZ-RL AD-ADN2817ACPZ-RL Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817ACPZ-RL AD-ADN2817ACPZ-RL Datasheet
841Kb / 38P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. G
More results

Similar Description - ADN2817

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Jun-2004
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
9/05-Revision 0
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Revision 0
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com