Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 5Page - Analog Devices ADN2817 Datasheet HTML 6Page - Analog Devices ADN2817 Datasheet HTML 7Page - Analog Devices ADN2817 Datasheet HTML 8Page - Analog Devices ADN2817 Datasheet HTML 9Page - Analog Devices ADN2817 Datasheet HTML 10Page - Analog Devices ADN2817 Datasheet HTML 11Page - Analog Devices ADN2817 Datasheet HTML 12Page - Analog Devices ADN2817 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Preliminary Technical Data
ADN2817/ADN2818
Rev.Pr A | Page 9 of 35
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VCC
VEE
LOS
SDA
SCK
SADDR5
VCC
VEE
AU T OM OD E
VCC
VREF
NIN
PIN
SL ICEP
SL I CEN
VEE
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AD N 2817
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
AUTOMODE
DI
Set to Logic Low to enable analog voltage output mode for BER monitor
2
VCC
P
Power for Limamp, LOS.
3
VREF
AO
Internal VREF Voltage. Decouple to GND with a 0.1 μF capacitor.
4
NIN
AI
Differential Data Input. CML.
5
PIN
AI
Differential Data Input. CML.
6
SLICEP
AI
Differential Slice Level Adjust Input.
7
SLICEN
AI
Differential Slice Level Adjust Input.
8
VEE
P
GND for Limamp, LOS.
9
THRADJ
AI
LOS Threshold Setting Resistor.
10
REFCLKP
DI
Differential REFCLK Input. 12.3 MHz to 200 MHz.
11
REFCLKN
DI
Differential REFCLK Input. 12.3 MHz to 200 MHz.
12
VCC
P
VCO Power.
13
VEE
P
VCO GND.
14
CF2
AO
Frequency Loop Capacitor.
15
CF1
AO
Frequency Loop Capacitor.
16
LOL
DO
Loss of Lock Indicator. LVTTL active high.
17
VEE
P
FLL Detector GND.
18
VCC
P
FLL Detector Power.
19
SADDR5
DI
Slave Address Bit 5.
20
SCK
DI
I2C Clock Input.
21
SDA
DI
I2C Data Input.
22
LOS
DO
Loss of Signal Detect Output. Active high. LVTTL.
23
VEE
P
Output Buffer, I2C GND.
24
VCC
P
Output Buffer, I2C Power.
25
CLKOUTN
DO
Differential Recovered Clock Output. CML.
26
CLKOUTP
DO
Differential Recovered Clock Output. CML.
27
SQUELCH
DI
Disable Clock and Data Outputs. Active high. LVTLL.
28
DATAOUTN
DO
Differential Recovered Data Output. CML.
29
DATAOUTP
DO
Differential Recovered Data Output. CML.
30
VEE
P
Phase Detector, Phase Shifter GND.
31
VCC
P
Phase Detector, Phase Shifter Power.
32
VBER
AO
Relative BER monitor output. Referred to GND, Analog Voltage Output.
Exposed Pad
Pad
P
Connect to GND
1Type: P = power, AI = analog input, AO = analog output, DI = digital input, DO = digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com