Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 10Page - Analog Devices ADN2817 Datasheet HTML 11Page - Analog Devices ADN2817 Datasheet HTML 12Page - Analog Devices ADN2817 Datasheet HTML 13Page - Analog Devices ADN2817 Datasheet HTML 14Page - Analog Devices ADN2817 Datasheet HTML 15Page - Analog Devices ADN2817 Datasheet HTML 16Page - Analog Devices ADN2817 Datasheet HTML 17Page - Analog Devices ADN2817 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 14 of 35
Table 14. BERCTLA
Set BER Timer
Phase Polarity
BER Start Pulse
Error Count Byte Select
D7 D6 D5
D4
D3
D2 D1 D0
0
0
0 = 218 bits
0
0
1 = 221 bits
0
1
0 = 224 bits
0
1
1 = 227 bits
1
0
0 = 230 bits
1
0
1 = 233 bits
1
1
0 = 236 bits
1
1
1 = 239 bits
0= Positive
1= Negative
Write a “1” followed by “0” to
initiate BER measurement
0
0
0 = Byte 0
0
0
1 = Byte 1
0
1
0 = Byte 2
0
1
1 = Byte 3
1
0
0 = Byte 4
1
0
1 = Byte 5
Table 15. BERCTLB
Enable BER
BER Standby Mode
Clock XOR Input
BER Mode
D7
D6
D5
D4
D3
D2 D1 D0
Set to 0
Set to 0
0= BER Disabled
1= BER Enabled
0= BER meas enabled
1= BER meas in Stdby mode
Write a “1” followed by “0” to clock
input to XOR
0
0
0 = NDC -> OB
0
0
1 = DDC -> OB
0
1
0 = DIV0 -> OB
0
1
1 = DIV1 -> OB
1
0
0 = CLK0,1 -> OB
1
0
1 = NDC -> PRBS
1
1
0 = DDC -> PRBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com