Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 2Page - Analog Devices ADN2817 Datasheet HTML 3Page - Analog Devices ADN2817 Datasheet HTML 4Page - Analog Devices ADN2817 Datasheet HTML 5Page - Analog Devices ADN2817 Datasheet HTML 6Page - Analog Devices ADN2817 Datasheet HTML 7Page - Analog Devices ADN2817 Datasheet HTML 8Page - Analog Devices ADN2817 Datasheet HTML 9Page - Analog Devices ADN2817 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 6 of 35
BIT ERROR RATE MONITOR (BERMON) SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 uF, SLICEP = SLICEN = VEE, Input Data Pattern: PRBS 223 − 1,
unless otherwise noted.
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
BERMON Primary Mode
I2C Controlled Eye Profiling
BER Accuracy
Input BER Range 1e-3 to 1e-12, Input
DJ<0.4UI, DJ Ceiling>1e-2.
Asymmetry <0.1UI. Requires external
data processing algorithms to
implement Q factor extrapolation.
+/-1
Decades
Numbits
Number of data bits to collect
pseudo-errors. User programmable in
increment factors of 23 over the range
218 to 239.
218
239
UI
Measurement Time
Numbits/Datarate
s
Sample Phase Adjust Resolution
6
degrees
BER Range
5e-2
BER
Power Increase
BER On
177
mW
BER Standby
88
mW
BERMON Secondary Mode
Analog Voltage Output
BER Accuracy
Input BER Range 1e-3 to 1e-9, Input
DJ=0 UI, DJ Ceiling>1e-2. Asymmetry
=0 UI. BER is read as a voltage on pin
VBER, when Automode = 0.
+/-1
Decades
BER Accuracy
Input BER Range 1e-3 to 1e-9, Input
DJ=0.2 UI, DJ Ceiling>1e-2.
Asymmetry =0 UI. BER is read as a
voltage on pin VBER, when Automode
= 0.
+1/-2
Decades
Numbits
Number of data bits to collect
pseudo-errors.
227
UI
Measurement Time
2.5Gb/s
0.054
s
1Gb/s
0.134
s
155Mb/s
0.865
s
10Mb/s
1.34
s
Sample Phase Adjust Resolution
6
degrees
VBER
see Figure xx
0.1
0.9
V
Power Increase
BER Automode
177
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com