Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 6Page - Analog Devices ADN2817 Datasheet HTML 7Page - Analog Devices ADN2817 Datasheet HTML 8Page - Analog Devices ADN2817 Datasheet HTML 9Page - Analog Devices ADN2817 Datasheet HTML 10Page - Analog Devices ADN2817 Datasheet HTML 11Page - Analog Devices ADN2817 Datasheet HTML 12Page - Analog Devices ADN2817 Datasheet HTML 13Page - Analog Devices ADN2817 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 10 of 35
TYPICAL PERFORMANCE CHARACTERISTICS
16
14
12
1
10
100
RTH (Ω)
1k
10k
100k
10
8
6
4
2
Figure 5. LOS Comparator Trip Point Programming
1000
1
10
100
1k
10k
100k
1M
10M
JITTER FREQUENCY (Hz)
100M
0.1
1
10
100
ADN2812 TOLERANCE
SONET REQUIREMENT MASK
SONET OBJECTIVE MASK
EQUIPMENT LIMIT
Figure 6. Typical Measured Jitter Tolerance OC-48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com