Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 29 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 25Page - Analog Devices ADN2817 Datasheet HTML 26Page - Analog Devices ADN2817 Datasheet HTML 27Page - Analog Devices ADN2817 Datasheet HTML 28Page - Analog Devices ADN2817 Datasheet HTML 29Page - Analog Devices ADN2817 Datasheet HTML 30Page - Analog Devices ADN2817 Datasheet HTML 31Page - Analog Devices ADN2817 Datasheet HTML 32Page - Analog Devices ADN2817 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Preliminary Technical Data
ADN2817/ADN2818
Rev.Pr A | Page 29 of 35
1
2
3
4
V1
V1b
V2
V2b
Vdiff = V2-V2b
Vdiff
VT H = AD N 2817 Quantizer T hreshold
VT H
Vref
PIN
NIN
V1
V1b
V2
V2b
TIA
Limamp
CD R
DATAOU T P
DATAOU T N
CIN
COUT
50
50
VREF
NOT ES:
1. D uring data patterns with high transition density, differential D C voltage at V1 and V2 is zero.
2. When the output of the T I A goes to CI D , V1 and V1b are driven to different D C levels. V2 and V2b discharge to the Vref level which
effectively introduces a differential D C offset across the AC coupling capacitors.
3. When the burst of data starts again, the differential D C offset across the AC coupling capacitors is applied to the input levels causing
a D C shift in the differential input. T his shift is large enough such that one of the states, either H I or L O depending on the levels of
V1 and V1b when the T IA went to CID , is cancelled out. T he quantizer will not recognize this as a valid state.
4. T he D C offset slowly discharges until the differential input voltage exceeds the sensitivity of the AD N 2817. T he quantizer will be able
to recognize both H I and L O states at this point.
ADN2817
VCC
Figure 27. Example of Baseline Wander
DC-COUPLED APPLICATION
The inputs to the ADN2817/ADN2818 can also be dc-coupled.
This might be necessary in burst mode applications, where
there are long periods of CIDs, and baseline wander cannot be
tolerated. If the inputs to the ADN2817/ADN2818 are dc-
coupled, care must be taken not to violate the input range and
common-mode level requirements of the ADN2817/ADN2818
(see Figure 28 through Figure 30). If dc coupling is required,
and the output levels of the TIA do not adhere to the levels
shown in Figure 29, then level shifting and/or an attenuator
must be between the TIA outputs and the ADN2817/ADN2818
inputs.
ADN2817
50
Ω
50
50
VCC
TIA
0.1uF
PIN
NIN
VREF
3k
2.5V
Figure 28. DC-Coupled Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com