Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 27 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 23Page - Analog Devices ADN2817 Datasheet HTML 24Page - Analog Devices ADN2817 Datasheet HTML 25Page - Analog Devices ADN2817 Datasheet HTML 26Page - Analog Devices ADN2817 Datasheet HTML 27Page - Analog Devices ADN2817 Datasheet HTML 28Page - Analog Devices ADN2817 Datasheet HTML 29Page - Analog Devices ADN2817 Datasheet HTML 30Page - Analog Devices ADN2817 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Preliminary Technical Data
ADN2817/ADN2818
Rev.Pr A | Page 27 of 35
APPLICATIONS INFORMATION
PCB DESIGN GUIDELINES
Proper RF PCB design techniques must be used for optimal
performance.
Power Supply Connections and Ground Planes
Use of one low impedance ground plane is recommended. The
VEE pins should be soldered directly to the ground plane to
reduce series inductance. If the ground plane is an internal
plane and connections to the ground plane are made through
vias, multiple vias can be used in parallel to reduce the series
inductance, especially on Pin 23, which is the ground return for
the output buffers. The exposed pad should be connected to the
GND plane using plugged vias so that solder does not leak
through the vias during reflow.
Use of a 10 μF electrolytic capacitor between VCC and VEE is
recommended at the location where the 3.3 V supply enters the
PCB. When using 0.1 μF and 1 nF ceramic chip capacitors, they
should be placed between the IC power supply VCC and VEE,
as close as possible to the ADN2817/ADN2818 VCC pins.
If connections to the supply and ground are made through vias,
the use of multiple vias in parallel helps to reduce series
inductance, especially on Pin 24, which supplies power to the
high speed CLKOUTP/CLKOUTN and DATAOUTP/
DATAOUTN output buffers. Refer to the schematic in Figure
24 for recommended connections.
By using adjacent power supply and GND planes, excellent high
frequency decoupling can be realized by using close spacing
between the planes. This capacitance is given by
( )
pF
ε
88
.
0
A/d
C
r
plane
=
where:
ε
r
is the dielectric constant of the PCB material.
A is the area of the overlap of power and GND planes (cm2).
d is the separation between planes (mm).
For FR-4, εr = 4.4 mm and 0.25 mm spacing, C ~15 pF/cm2.
VCC
VEE
LOS
SDA
SCK
SAD D R5
VCC
VEE
AUT OM OD E
VCC
VREF
NIN
PI N
SL I CEP
SL ICEN
VEE
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
1n
0.1
μ
VCC
RTH
0.1
μ
0.1
μ
0.1
μ
VCC
VCC
10
μ
+
50
Ω
CL KOUT P
CL K OU T N
DATAOU T P
DATAOU T N
4x 100
Ω
transmission
lines
VCC
50
Ω
CIN
50
Ω
1n
1n
0.1
μ
VCC
1n 0.1
μ
VCC
0.47uF + 20%
>300M
Ω
1n
Exposed Pad
Tied Off To
VEE Plane
With Vias
TIA
μC
insulation resistance
μC
I 2CController
Figure 24. Typical ADN2817/ADN2818 Applications Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com