Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2817 Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2817
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2817 Datasheet HTML 8Page - Analog Devices ADN2817 Datasheet HTML 9Page - Analog Devices ADN2817 Datasheet HTML 10Page - Analog Devices ADN2817 Datasheet HTML 11Page - Analog Devices ADN2817 Datasheet HTML 12Page - Analog Devices ADN2817 Datasheet HTML 13Page - Analog Devices ADN2817 Datasheet HTML 14Page - Analog Devices ADN2817 Datasheet HTML 15Page - Analog Devices ADN2817 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 12 of 35
Table 6. Internal Register Map1
Reg Name
R/W
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
FREQ0
R0x0
MSB
LSB
FREQ1
R0x1
MSB
LSB
FREQ2
R0x2
0
MSB
LSB
RATE
R
0x3
COARSE_RD[8] MSB
Coarse Data Rate Readback
COARSE_RD[1]
MISC
R
0x4
x
x
LOS status
Static LOL
LOL status
datarate meas
complete
x
COARSE_RD[0]
LSB
CTRLA
W0x8
FREF Range
Data Rate/DIV FREF Ratio
Measure Data
Rate
Lock to
Reference
CTRLA_RD
R
0x5
readback CTRLA
CTRLB
W
0x9
Config LOL
Reset
MISC[4]
System
Reset
0
Reset
MISC[2]
00
0
CTRLB_RD
R
0x6
readback CTRLB
CTRLC
W0x11
0
0
Set Signal
Degrade
Threshold
Enable
Signal
Degrade
LOS forces
acquisition
Config LOS
Squelch Mode
Boost Output
CTRLD
W0x22
CDR
Bypass
Disable
DATA
Buffer
Disable
CLK Buffer
Initiate
PRBS
Sequence
PRBS Mode[2..0]
FDDI_MODE
W0x0D
FDDI Mode
Enable
Subharmonic Ratio
0
0
SEL_MODE
W
0x34
0
0
Acq Mode
Cont Rate /
Single Rate
Datarate
Range
CLK Holdover
Mode 2A
CLK Holdover
Mode 2B
0
HI_CODE
W
0x35
HI_CODE[8]
HI_CODE[1]
LO_CODE
W
0x36
LO_CODE[8]
LO_CODE[1]
CODE_LSB
W0x39
0
0
0
0
0
0
HI_CODE[0]
LO_CODE[0]
BERCTLA
W
0x1E
BER Timer
Phase
Polarity
BER Start
Pulse
Error Count Byte Select, e.g. 011=Byte 3 of 5
BERCTLB
W0x1F
0
0
Enable
BER
BER Stdby
Mode
Clock XOR
Input
BER Mode
BERSTS
R0x20
x
x
x
x
x
x
x
BER Meas
Status
BER_RES
R
0x21
BER_RES[7..0], BER Measurement Result
BER_DAC
R
0x24
BER_DAC[7..0], Output of BER DAC
PHASE
W
0x37
PHASE[7..0], 2's Complement Sample Phase Offset Adjustment
1 All writeable registers default to 0x00.
Table 7. Miscellaneous Register, MISC
LOS Status
Static LOL
LOL Status
Datarate Measurement
Complete
Coarse Rate
Readback LSB
D7
D6
D5
D4
D3
D2
D1
D0
x
x
0 = No loss of signal
0 = Waiting for next LOL
0 = Locked
0 = Measuring datarate
x
COARSE_RD[0]
1 = Loss of signal
1 = Static LOL until reset
1 = Acquiring
1 = Measurement complete
Table 8. Control Register, CTRLA1
FREF Range
Datarate/Div_FREF Ratio
Measure Datarate
Lock to Reference
D7
D6
D5
D4
D3
D2
D1
D0
0
0
12.3 MHz to 25 MHz
0
0
0
0
1
Set to 1 to measure datarate
0 = Lock to input data
0
1
25 MHz to 50 MHz
0
0
0
1
2
1 = Lock to reference clock
1
0
50 MHz to 100 MHz
0
0
1
0
4
1
1
100 MHz to 200 MHz
n
2n
1
0
0
0
256
1 Where DIV_F
REF
is the divided down reference referred to the 12.3 MHz to 25 MHz band (see the Reference Clock (Optional) section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com