Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 56 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 52Page - STMicroelectronics VS6524 Datasheet HTML 53Page - STMicroelectronics VS6524 Datasheet HTML 54Page - STMicroelectronics VS6524 Datasheet HTML 55Page - STMicroelectronics VS6524 Datasheet HTML 56Page - STMicroelectronics VS6524 Datasheet HTML 57Page - STMicroelectronics VS6524 Datasheet HTML 58Page - STMicroelectronics VS6524 Datasheet HTML 59Page - STMicroelectronics VS6524 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
Optical specifications
VL6524/VS6524
56/70
12
Optical specifications
12.1
Average sensitivity
The average sensitivity is a measure of the image sensor response to a given light stimulus.
The optical stimulus is a white light source with a color temperature of 3200K, producing
uniform illumination at the surface of the sensor package. An IR blocking filter is added to
the light source. The analog gain of the sensor is set to x1. The exposure time,
∆t, is set as
50% of maximum. The illuminance, I, is adjusted so the average sensor output code, Xlight,
is roughly mid-range equivalent to a saturation level of 50%. Once Xlight has been recorded
the experiment is repeated with no illumination to give a value Xdark.
The sensitivity is then calculated as
.The result is expressed in volts per lux-
second.
The sensitivity of the VS6524 is given in
Table 31.
Table 30.
Optical specifications(1)
1.
All measurements made at 23°C ± 2°C
Parameter
Min.
Typ.
Max.
Unit
Optical format
1/6
inch
Effective focal length
2.5
mm
Aperture (F number)
2.8
Horizontal field of view
46
49
51
deg.
Vertical field of view
35
37
39
deg.
Diagonal field of view(2)
2.
Value determined through calculation
57
59
61
deg.
Depth of field(3)
3.
By design the device has an acceptable quality between hyperfocal distance /2 and infinity.
20
infinity
cm
TV distortion
-1.5
1.5
%
Table 31.
VS6524 average sensitivity
Optical parameter
Value
Unit
Average sensitivity
0.71
V/lux.s
Xlight
Xdark
–
∆tl
⋅
---------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com