Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 64 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 60Page - STMicroelectronics VS6524 Datasheet HTML 61Page - STMicroelectronics VS6524 Datasheet HTML 62Page - STMicroelectronics VS6524 Datasheet HTML 63Page - STMicroelectronics VS6524 Datasheet HTML 64Page - STMicroelectronics VS6524 Datasheet HTML 65Page - STMicroelectronics VS6524 Datasheet HTML 66Page - STMicroelectronics VS6524 Datasheet HTML 67Page - STMicroelectronics VS6524 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
Package outline
VL6524/VS6524
64/70
14
Package outline
14.1
SmOP
Figure 36.
VS6524Q06J outline drawing
SIDE VIEW
BOTTOM VIEW
Packing Dimension
Socket:ALPS P/N:SCKA2A0100
Socket Cover:ALPS P/N:JSCKA0002A
Note:# Image direction register use default settings.
Basic Tolerance ±0.10mm
Optical Lens Specification:
Focusing Range
cm to Infinity
Focal Length
2.53mm
F Number
F2.8
Fov(D)
60.8°
TV Distortion
< 1%
20
Pin No.
1
GND
DO2
DO3
HSYNC
VSYNC
DO7
DO6
DO1
DO0
PCLK
VDD(1.8V)
GND
FSO
CE
SCL
SDA
AVDD(2.8V)
DO5
DO4
CLK
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Name
Pin No.
Name
4-Ø0.60
5.00±0.05
1.05±0.05
1.80±0.05
Pin1 mark
Pin1 mark
20
1
1.45±0.05
2.60
0.65±0.05
0.325±0.05
0.40±0.05
0.50
4.35±0.15
3.30±0.15
3.35
Ø5.00
Ø5.90
6.00
1.20±0.05
1
1
1
1
1
1
2
2
2
3
4
2
2
2
2
protrude 0.05max
TOOL NO.
CAVITY NO.
RECESS 0.1max
PROTRUDE 0.05max
PROTRUDE 0.05max
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com