Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 16 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 12Page - STMicroelectronics VS6524 Datasheet HTML 13Page - STMicroelectronics VS6524 Datasheet HTML 14Page - STMicroelectronics VS6524 Datasheet HTML 15Page - STMicroelectronics VS6524 Datasheet HTML 16Page - STMicroelectronics VS6524 Datasheet HTML 17Page - STMicroelectronics VS6524 Datasheet HTML 18Page - STMicroelectronics VS6524 Datasheet HTML 19Page - STMicroelectronics VS6524 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
Clock control
VL6524/VS6524
16/70
5
Clock control
5.1
Input clock
The VL6524/VS6524 contains an internal PLL allowing it to produce accurate frame rates
from a wide range of input clock frequencies. The allowable input range is from 6.5 MHz to
26 MHz. The input clock frequency must be programmed in the
uwExtClockFreqNum
(MSB), uwExtClockFreqNum (LSB) and bExtClockFreqDen registers (Table 12). To program
an input frequency of 6.5 MHz, the numerator can be set to 13 and the denominator to 2.
The default input frequency is 12 MHz.
5.2
System clock division
It is possible to set an overall system clock division of 2 in the
bEnableGlobalSystemClockDivision register (Table 12). This results in a PCLK of 12MHz
and a maximum frame rate of 15fps VGA.
5.3
Pixel clock (PCLK)
All data output from the VL6524/VS6524 is qualified by the PCLK output. The PCLK
frequency is 24 MHz (equivalent to a 12 MHz pixel rate as each pixel is represented by 2
bytes of data). For frame rates less than 30 fps the PCLK frequency is not reduced, instead
additional interframe lines are added into the output data stream.
Figure 4.
Frame output format against framerate
Interframe Blanking
Interframe Blanking
1/30 sec
1/30 sec
1/30 sec
Interframe Blanking
1/15 sec
1/15 sec
Frame output 15fps
Frame output 30fps
Interline
Blanking
Interline
Blanking
ACTIVE VIDEO
ACTIVE VIDEO
Interline
Blanking
ACTIVE VIDEO
Interline
Blanking
ACTIVE VIDEO
Interline
Blanking
ACTIVE VIDEO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com