Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 8Page - STMicroelectronics VS6524 Datasheet HTML 9Page - STMicroelectronics VS6524 Datasheet HTML 10Page - STMicroelectronics VS6524 Datasheet HTML 11Page - STMicroelectronics VS6524 Datasheet HTML 12Page - STMicroelectronics VS6524 Datasheet HTML 13Page - STMicroelectronics VS6524 Datasheet HTML 14Page - STMicroelectronics VS6524 Datasheet HTML 15Page - STMicroelectronics VS6524 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
System architecture
VL6524/VS6524
12/70
3.2
Microprocessor functions
The microprocessor inside the VL6524/VS6524 performs the following tasks:
Host communication: handles the I²C communication with the host processor.
Video pipe configuration: configures the video pipe modules to produce the output
required by the host.
Automatic exposure control: In normal operation the VL6524/VS6524 determines the
appropriate exposure settings for a particular scene and outputs correctly exposed images.
Flicker cancellation: The 50/60Hz flicker frequency present in the lighting (due to
fluorescent lighting) can be cancelled by the system.
Automatic white balance: The microprocessor adjusts the gains applied to the individual
color channels in order to achieve a correctly color balanced image.
Dark calibration: The microprocessor uses information from special dark lines within the
pixel array to apply an offset to the video data and ensure a consistent ‘black’ level.
Active noise management: The microprocessor is able to modify certain video pipe
functions according to the current exposure settings determined by the automatic exposure
controller. The main purpose of this is to improve the noise level in the system under low
lighting conditions. Functions which ‘strength’ is reduced under low lighting conditions (e.g.
sharpening) are controlled by ‘dampers’. Functions which ‘strength’ is increased under low
lighting conditions are controlled by ‘promoters’. The fade to black operation is also
controlled by the microprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com