Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 25Page - STMicroelectronics VS6524 Datasheet HTML 26Page - STMicroelectronics VS6524 Datasheet HTML 27Page - STMicroelectronics VS6524 Datasheet HTML 28Page - STMicroelectronics VS6524 Datasheet HTML 29Page - STMicroelectronics VS6524 Datasheet HTML 30Page - STMicroelectronics VS6524 Datasheet HTML 31Page - STMicroelectronics VS6524 Datasheet HTML 32Page - STMicroelectronics VS6524 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
VL6524/VS6524
Data synchronization methods
29/70
8.2
VSYNC and HSYNC
The VL6524/VS6524 can provide two programmable hardware synchronization signals:
VSYNC and HSYNC. The position of these signals within the output frame can be
programmed by the user or an automatic setting can be used where the signals track the
active video portion of the output frame regardless of its size.
8.2.1
Horizontal synchronization signal (HSYNC)
The HSYNC signal is controlled by the
bHSyncSetup register (Table 29). The following
options are available:
●
enable/disable
●
select polarity
●
all lines or active lines only
●
manual or automatic
In automatic mode the HSYNC signal envelops all the active video data on every line in the
output frame regardless of the programmed image size. Line codes (if selected) fall outside
the HSYNC envelope as shown in
Figure 15.
Figure 15.
HSYNC timing example
If manual mode is selected then the pixel positions for HSYNC rising edge and falling edge
are programmable. The pixel position for the rising edge of HSYNC is programmed in the
bHsyncRisingH, bHsyncRisingL registers. The pixel position for the falling edge of HSYNC
is programmed in the
bHsyncFallingH and bHsyncFallingL registers (Table 29).
FS
Frame Start
FF 00 00 02
FE
Frame End
FF 00 00 03
Table 5.
Mode 2 - embedded synchronization code definition
Name
Description
4-byte sequence
FF
SAV Code
EAV Code
ACTIVE VIDEO DATA
hsync=1
EAV Code
BLANKING DATA
hsync=0
00 00 XY 80 10 80 10 80 10
80 10
00 00 XY
FF
D0 D1 D2 D3 D0 D1 D2 D3
D2 D3 FF 00 00 XY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com