Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 29Page - STMicroelectronics VS6524 Datasheet HTML 30Page - STMicroelectronics VS6524 Datasheet HTML 31Page - STMicroelectronics VS6524 Datasheet HTML 32Page - STMicroelectronics VS6524 Datasheet HTML 33Page - STMicroelectronics VS6524 Datasheet HTML 34Page - STMicroelectronics VS6524 Datasheet HTML 35Page - STMicroelectronics VS6524 Datasheet HTML 36Page - STMicroelectronics VS6524 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
VL6524/VS6524
Host communication - I²C control interface
33/70
For the master reading from the slave the device address is followed by the contents of last
register index that the previous read or write message accessed. If multiple data bytes are
read then the internal register index is automatically incremented after each byte of data
read. A read message is terminated by the bus master generating a negative acknowledge
after reading a final byte of data.
A message can only be terminated by the bus master, either by issuing a stop condition, a
repeated start condition or by a negative acknowledge after reading a complete byte during
a read operation.
Detailed overview of the message format
Figure 19.
Detailed overview of message format
The V2W generic message format consists of the following sequence
1.
Master generates a START condition to signal the start of new message.
2.
Master outputs, MS bit first, a 7-bit device address of the slave the master is trying to
communicate with followed by a R/W bit.
SDA
SCL
S
or
Sr
12
78
9
Sr
or
P
MSB
LSB
START
or
repeated
START
condition
ACK
signal
from
slave
STOP
or
repeated
Start
condition
Device Address
12
7
8
9
MSB
LSB
S
(Sr)
7-bit Device
Address
R/W
A
A
(A)
8-bit Data
P
(Sr)
Data byte from
transmitter
R/W=0 - Master
R/W=1 - Slave
ACK
signal
from
receiver
R/W
Bit
0 - Write
1 - Read
Sr
P
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com