Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 10Page - STMicroelectronics VS6524 Datasheet HTML 11Page - STMicroelectronics VS6524 Datasheet HTML 12Page - STMicroelectronics VS6524 Datasheet HTML 13Page - STMicroelectronics VS6524 Datasheet HTML 14Page - STMicroelectronics VS6524 Datasheet HTML 15Page - STMicroelectronics VS6524 Datasheet HTML 16Page - STMicroelectronics VS6524 Datasheet HTML 17Page - STMicroelectronics VS6524 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Operational modes
VL6524/VS6524
14/70
During the power-up sequence (CE = logic 1)
●
The digital supplies must be on and stable.
●
The internal digital supply of the VL6524/VS6524 is enabled by an internal switch
mechanism.
●
All internal registers are reset to default values by an internal power on reset cell.
Figure 3.
Power up sequence
STANDBY mode: The VL6524/VS6524 enters STANDBY mode when the CE pin on the
device is pulled HIGH. Power consumption is very low, most clocks inside the device are
switched off.
In this state I²C communication is possible when CLK is present and when the
microprocessor is enabled by writing the value 0x06 to the
MicroEnable register 0xC003
(
Table 7).
All registers are reset to their default values. The device I/O pins have a very high-
impedance.
Note:
On exit from STANDBY mode, the VL6524/VS6524 is in a transient mode called
UNINITIALISED, this mode is not a user mode.
STOP mode: This is a low power mode. The analogue section of the VL6524/VS6524 is
switched off and all registers are accessed over the I²C interface. A run command received
in this state automatically sets a transition through the PAUSE state to the run mode.
PAUSE mode: In this mode all VL6524/VS6524 clocks are running and all registers are
accessible but no data is output from the device. The device is ready to start streaming but
is halted. This mode is used to set up the required output format before outputting any data.
Note:
The PowerManagement register bTimeToPowerdown can be adjusted in PAUSE mode but
has no effect until the next RUN to PAUSE transition (Table 13).
RUN mode:This is the fully operational mode.
CE
CLK
AVDD (2.8V)
VDD (1.8V/2.8V)
SDA
SCL
t1
t2
t3
t4
t1 >= 0ns
t2 >= 0ns
t3 >= 0ns
t4 >= 25ms
Constraints:
t5
low level command:enable clocks
setup commands
t5 >= 2ms
standby
POWER DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com