Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 49 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 45Page - STMicroelectronics VS6524 Datasheet HTML 46Page - STMicroelectronics VS6524 Datasheet HTML 47Page - STMicroelectronics VS6524 Datasheet HTML 48Page - STMicroelectronics VS6524 Datasheet HTML 49Page - STMicroelectronics VS6524 Datasheet HTML 50Page - STMicroelectronics VS6524 Datasheet HTML 51Page - STMicroelectronics VS6524 Datasheet HTML 52Page - STMicroelectronics VS6524 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
VL6524/VS6524
Register map
49/70
View live control
White balance control
Table 18.
View live control
Name
Index
R/W
Data
Type
Format
default
Description
fEnable
0x0480
R/W
B
0x00
Enable ViewLive mode
0x00 = False - 0x01 = True
InitalPipeSetupBank
0x0482
R/W
C
0x00
When ViewLive mode is enabled, this
register selects which PipeSetupBank the
first frame output uses,
0x00 = PipeSetupBank0
0x01 = PipeSetupBank1
Table 19.
White balance control
Name
Index
R/W
Data
Type
Format
default
Description
WhiteBalanceMode
0x1380
R/W
C
0x01
White balance mode selection:
0x00 = OFF - No White balance, all gains
are unity in this mode
0x01 = AUTOMATIC
0x03 = MANUAL_RGB - gains are applied
manually using registers below
0x04 = DAYLIGHT_PRESET
0x05 = TUNGSTEN_PRESET
0x06 = FLUORESCENT_PRESET
0x07 = HORIZON_PRESET
0x08 = MANUAL_COLOUR_TEMP
0x09 = FLASHGUN_PRESET
bManualRedGain
0x1382
R/W
I
0x00
User setting for Red Channel gain
bManualGreenGain
0x1384
R/W
I
0x00
User setting for Green Channel gain
bManualBlueGain
0x1386
R/W
I
0x00
User setting for Blue Channel gain
fpRedGainforFlashgun
MSB
0x138b
R/W
M F
0x3e
Red Channel gain for Flashgun
Code float - Default 0x3e66 = 1.199219
fpRedGainforFlashgun
LSB
0x138c
R/W
M F
0x66
fpGreenGainfor
Flashgun MSB
0x138f
R/W
M F
0x3e
Green Channel gain for Flashgun
Code float - Default 0x3e00 = 1.000000
fpGreenGainfor
Flashgun LSB
0x1390
R/W
M F
0x00
fpBlueGainfor
Flashgun MSB
0x1393
R/W
M F
0x3e
Blue Channel gain for Flashgun
Code float . Default 0x3e33 = 1.099609
fpBlueGainfor
Flashgun LSB
0x1394
R/W
M F
0x33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com