Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 33Page - STMicroelectronics VS6524 Datasheet HTML 34Page - STMicroelectronics VS6524 Datasheet HTML 35Page - STMicroelectronics VS6524 Datasheet HTML 36Page - STMicroelectronics VS6524 Datasheet HTML 37Page - STMicroelectronics VS6524 Datasheet HTML 38Page - STMicroelectronics VS6524 Datasheet HTML 39Page - STMicroelectronics VS6524 Datasheet HTML 40Page - STMicroelectronics VS6524 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
VL6524/VS6524
Host communication - I²C control interface
37/70
Types of messages
This section gives guidelines on the basic operations to read data from and write data to
VL6524/VS6524.
The serial interface supports variable length messages. A message contains no data bytes
or one data byte or many data bytes. This data can be written to or read from common or
different locations within the sensor. The range of instructions available are detailed below.
Single location, single byte data read or write.
Write no data byte. Only sets the index for a subsequent read message.
Multiple location, multiple data read or write for fast information transfers.
Any messages formats other than those specified in the following section should be
considered illegal.
Random location, single data write
For the master writing to the slave the R/W bit is set to zero.
The register index value written is preserved and is used by a subsequent read. The write
message is terminated with a stop condition from the master.
Figure 25.
Random location, single write
S
DEV ADDR R/W A
DATA
P
A/A
DATA
A
DATA
A
INDEX[7:0]
DATA[7:0]
INDEX[15:8]
Previous Index Value, K
Index M
16-bit Index, 8-bit Data, Random Location, Single Data Write
Index[15:0]
value, M
DATA[7:0]
From Master to Slave
From Slave to Master
S = START Condition
Sr = repeated START
P = STOP Condition
A = Acknowledge
A = Negative Acknowledge
‘0’ (Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com