Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 44 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 40Page - STMicroelectronics VS6524 Datasheet HTML 41Page - STMicroelectronics VS6524 Datasheet HTML 42Page - STMicroelectronics VS6524 Datasheet HTML 43Page - STMicroelectronics VS6524 Datasheet HTML 44Page - STMicroelectronics VS6524 Datasheet HTML 45Page - STMicroelectronics VS6524 Datasheet HTML 46Page - STMicroelectronics VS6524 Datasheet HTML 47Page - STMicroelectronics VS6524 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
Register map
VL6524/VS6524
44/70
Low level control registers
Note:
The default values for the above registers are true when the device is powered on, Ext. Clk
input is present and the CE pin is high. All other registers can be read when the Clock
enable register is set to 0x06.
Device parameters [read only]
Mode control
Table 7.
Low-level control registers
Name
Index
R/W
Data
Type
Format
default
Description
MicroEnable
0xC003
R/W
C
0x38
0x06 - clocks enabled
Enable I/O
0xC034
R/W
B
0x00
set bit[0] to enable IO
Table 8.
Device parameters
Name
Index
R/W
Data
Type
Format
default
Description
uwDeviceId (MSB)
0x0001
R
I
0x02
0x020c = 524
uwDeviceId (LSB)
0x0002
R
I
0x0c
bFirmwareVsnMajor
0x0004
R
I
0x01
Firmware version
0x0101 = 1.1
bFirmwareVsnMinor
0x0006
R
I
0x01
bPatchVsnMajor
0x0008
R
I
0x00
Patch version
0x0000
bPatchVsnMinor
0x000a
R
I
0x00
Table 9.
Mode control
Name
Index
R/W
Data
Type
Format
default
Description
bUserCommand
0x0180
RW
C
0
0x00 - UNINITIALISED
0x01 - BOOT
0x02 - RUN
0x03 - PAUSE
0x04 - STOP
0x05 - FLASHGUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com