Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6524 Datasheet(PDF) 50 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 46Page - STMicroelectronics VS6524 Datasheet HTML 47Page - STMicroelectronics VS6524 Datasheet HTML 48Page - STMicroelectronics VS6524 Datasheet HTML 49Page - STMicroelectronics VS6524 Datasheet HTML 50Page - STMicroelectronics VS6524 Datasheet HTML 51Page - STMicroelectronics VS6524 Datasheet HTML 52Page - STMicroelectronics VS6524 Datasheet HTML 53Page - STMicroelectronics VS6524 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
Register map
VL6524/VS6524
50/70
Exposure control
Table 20.
Exposure control
Name
Index
R/W
Data
Type
Format
default
Description
bExposureMode
0x1080
R/W
C
0x00
0x00 = AUTOMATIC_MODE
0x01 = COMPILED_MANUAL_
MODE - The desired exposure time is set
manually in the Manual Exposure registers
and the exposure parameters are
calculated by the algorithm.
0x02 = DIRECT_MANUAL_
MODE - The exposure parameters are
input directly.
0x03 = FLASHGUN_MODE -
The exposure parameters are set manually.
bExposureMetering
0x1082
R/W
C
0x00
Weights associated with the zones to
calculate the mean statistics. Exposure
Weight is Centered or Backlit or Flat.
0x00 = ExposureMetering_flat - Uniform
gain associated with all pixels
0x01 = ExposureMetering_backlit: more
gain associated with centre and bottom
pixels
0x02 = ExposureMetering_centred - more
gain associated with centre pixels
bManualExposure
Time_Num
0x1084
R/W
I
0x01
Exposure Time for Compiled Manual Mode
in seconds. Numerator / Denominator gives
required exposure time
bManualExposure
Time_Den
0x1086
R/W
I
0x1e
iExposure
Compensation
0x1090
R/W
I
0x00
Exposure Compensation - a user choice for
setting the runtime target. A unit of
exposure compensation corresponds to 1/6
EV. This is a signed register.
fFreezeAuto
Exposure
0x10b4
R/W
B
0x00
Freeze auto exposure
0x00 = False
0x01 = True
fpUserMaximum
IntegrationTime (MSB)
0x10b7
R/W
M F
0x64
User Maximum Integration Time in
microseconds. This control takes in the
maximum integration time that host would
like to support. This in turn gives an idea of
the degree of “wobbly pencil effect”
acceptable by Host.
Default 0x647f = 654336
fpUserMaximum
IntegrationTime (LSB)
0x10b8
R/W
M F
0x7f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com