Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 26Page - Analog Devices AD9880/PCB Datasheet HTML 27Page - Analog Devices AD9880/PCB Datasheet HTML 28Page - Analog Devices AD9880/PCB Datasheet HTML 29Page - Analog Devices AD9880/PCB Datasheet HTML 30Page - Analog Devices AD9880/PCB Datasheet HTML 31Page - Analog Devices AD9880/PCB Datasheet HTML 32Page - Analog Devices AD9880/PCB Datasheet HTML 33Page - Analog Devices AD9880/PCB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
AD9880
Rev. 0 | Page 30 of 64
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
0x50
Read/Write
[7:0]
00100000
Test
Must be written to 0x20 for proper operation.
0x56
Read/Write
[7:0]
00001111
Test
Must be written to default 0x0F for proper operation.
0x57
Read/Write
[7]
0*******
A/V Mute Override
A1 overrides the AV mute value with Bit 6.
[6]
*0******
AV Mute Value
Sets AV mute value if override is enabled.
[3]
****0***
Disable Video Mute
Disables mute of video during AV mute.
[2]
*****0**
Disable Audio Mute
Disables mute of audio during AV mute.
0x58
Read/Write
[7]
MCLK PLL Enable
MCLK PLL enable—uses analog PLL.
[6:4]
MCLK PLL_N
MCLK PLL N [2:0]—this controls the division of the MCLK out of
the PLL: 0 = /1, 1 = /2, 2 = /3, 3 = /4, etc.
[3]
N_CTS_Disable
Prevents the N/CTS packet on the link from writing to the N and
CTS registers.
[2:0]
MCLK FS_N
Controls the multiple of 128 fs used for MCLK out . 0 = 128 fs,
1 = 256 fs, 2 = 384, 7 = 1024 fs.
0x59
Read/Write
[6]
MDA/MCL PU
This disables the MDA/MCL pull-ups.
[5]
CLK Term O/R
Clock termination power-down override 0 = auto, 1 = manual.
[4]
Manual CLK Term
Clock termination: 0 = normal, 1 = disconnected.
[2]
FIFO Reset UF
This bit resets the audio FIFO if underflow is detected.
[1]
FIFO Reset OF
This bit resets the audio FIFO if overflow is detected.
[0]
MDA/MCL Three-
State
This bit three-states the MDA/MCL lines.
0x5A
Read
[6:0]
Packet Detected
These 7 bits are updated if any specific packet has been received
since last reset or loss of clock detect. Normal is 0x00.
Bit
Data Packet Detected
0
AVI infoframe.
1
Audio infoframe.
2
SPD infoframe.
3
MPEG source infoframe.
4
ACP packets.
5
ISRC1 packets.
6
ISRC2 packets.
0x5B
Read
[3]
HDMI Mode
0 = DVI, 1 = HDMI.
0x5E
Read
[7:6]
Channel Status
Mode = 00. All others are reserved.
[5:3]
When Bit 1 = 0 (Linear PCM).
000 = 2 audio channels without pre-emphasis.
001 = 2 audio channels with 50/15 μs pre-emphasis.
010 = reserved.
011 = reserved.
2
0 = Software for which copyright is asserted.
1 = Software for which no copyright is asserted.
1
0 = audio sample word represents linear PCM samples.
1 = audio sample word used for other purposes.
0
0 = consumer use of channel status block.
Audio Channel Status
0x5F
Read
[7:0]
Channel Status
Category Code
0x60
Read
[7:4]
Channel Number
[3:0]
Source Number
0x61
Read
[5:4]
Clock Accuracy
Clock accuracy.
00
= Level II.
01
= Level III.
10
= Level I.
11
= reserved.
[3:0]
Sampling
0011
=
32 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com