Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 21Page - Analog Devices AD9880/PCB Datasheet HTML 22Page - Analog Devices AD9880/PCB Datasheet HTML 23Page - Analog Devices AD9880/PCB Datasheet HTML 24Page - Analog Devices AD9880/PCB Datasheet HTML 25Page - Analog Devices AD9880/PCB Datasheet HTML 26Page - Analog Devices AD9880/PCB Datasheet HTML 27Page - Analog Devices AD9880/PCB Datasheet HTML 28Page - Analog Devices AD9880/PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
AD9880
Rev. 0 | Page 25 of 64
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
0x17
Read
[3:0]
****0000
Hsyncs Per Vsync
MSB
MSB of Hsyncs per Vsync.
0x18
Read
[7:0]
00000000
Hsyncs Per Vsync
Hsyncs per Vsync count.
0x19
Read/Write
[7:0]
00001000
Clamp Placement
Number of pixel clocks after trailing edge of Hsync to begin
clamp.
0x1A
Read/Write
[7:0]
00010100
Clamp Duration
Number of pixel clocks to clamp.
0x1B
Read/Write
[7]
0*******
Red Clamp Select
0 = clamp to ground.
1 = clamp to midscale.
[6]
*0******
Green Clamp Select
0 = clamp to ground.
1 = clamp to midscale.
[5]
**0*****
Blue Clamp Select
0 = clamp to ground.
1 = clamp to midscale.
[4]
***0****
Clamp During Coast
Enable
0 = don’t clamp during Coast.
1 = clamp during Coast.
[3]
****0***
Clamp Disable
0 = internal clamp enabled.
1 = internal clamp disabled.
[1]
******1*
Programmable
Bandwidth
0 = low bandwidth.
1 = full bandwidth.
[0]
*******0
Hold Auto Offset
0 = normal auto offset operation.
1 = hold current offset value.
0x1C
Read/Write
[7]
0*******
Auto Offset Enable
0 = manual offset.
1 = auto offset using offset as target code.
[6:5]
*10*****
Auto Offset
00 = every clamp.
Update Mode
01 = every 16 clamps.
10 = every 64 clamps.
11 = Every Vsync.
[4:3]
***01***
Difference Shift
00 = 100% of difference used to calculate new offset.
Amount
01 = 50%.
10 = 25%.
11 = 12.5%.
[2]
*****1**
Auto Jump Enable
0 = normal operation.
1 = if code > 15 codes off then offset is jumped to the predicted
offset necessary to fix the > 15 code mismatch.
[1]
******1*
Post Filter Enable
0 = disable post filer.
1 = enable post filter.
Post filter reduces update rate by 1/6 and requires that all six
updates recommend a change before changing the offset. This
prevents unwanted offset changes.
[0]
*******0
Toggle Filter Enable
The toggle filter looks for the offset to toggle back and forth and
holds it if triggered. This is to prevent toggling in case of missing
codes in the PGA.
0x1D
Read/Write
[7:0]
00001000
Slew Limit
Limits the amount the offset can change by in a single update.
0x1E
Read/Write
[7:0]
32
Sync Filter Lock
Threshold
Number of clean Hsyncs required for sync filter to lock.
0x1F
Read/Write
[7:0]
50
Sync Filter Unlock
Threshold
Number of missing Hsyncs required to unlock the sync filter. Counter
counts up if Hsync pulse is missing and down for a good Hsync.
0x20
Read/Write
[7:0]
50
Sync Filter Window
Width
Width of the window in which Hsync pulses are allowed.
0x21
Read/Write
[7]
1*******
SP Sync Filter Enable
Enables Coast, Vsync duration, and Vsync filter to use the
regenerated Hsync rather than the raw Hsync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com