Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 50 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 46Page - Analog Devices AD9880/PCB Datasheet HTML 47Page - Analog Devices AD9880/PCB Datasheet HTML 48Page - Analog Devices AD9880/PCB Datasheet HTML 49Page - Analog Devices AD9880/PCB Datasheet HTML 50Page - Analog Devices AD9880/PCB Datasheet HTML 51Page - Analog Devices AD9880/PCB Datasheet HTML 52Page - Analog Devices AD9880/PCB Datasheet HTML 53Page - Analog Devices AD9880/PCB Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
AD9880
Rev. 0 | Page 50 of 64
Table 76.
PLL_N [2:0]
MCLK Divide Value
0
/1
1
/2
2
/3
3
/4
4
/5
5
/6
6
/7
7
/8
0x58
3
N_CTS_Disable
This bit makes it possible to prevent the N/CTS packet
on the link from writing to the N and CTS registers.
0x58
2-0
MCLK fs_N
These bits control the multiple of 128 fs used for
MCLK out.
Table 77.
MCLK fs_N [2:0]
fs Multiple
0
128
1
256
2
384
3
512
4
640
5
768
6
896
7
1024
0x59
6
MDA/MCL PU Disable
This bit disables the inter MDA/MCL pull-ups.
0x59
5
CLK Term O/R
This bit allows for overriding during power down.
0 = auto, 1 = manual.
0x59
4
Manual CLK Term
This bit allows normal clock termination or
disconnects this. 0 = normal, 1 = disconnected.
0x59
2
FIFO Reset UF
This bit resets the audio FIFO if underflow is detected.
0x59
1
FIFO Reset OF
This bit resets the audio FIFO if overflow is detected.
0x59
0
MDA/MCL Three-State
This bit three-states the MDA/MCL lines to allow in-
circuit programming of the EEPROM.
0x5A
6-0
Packet Detect
This register indicates if a data packet in specific
sections has been detected. These seven bits are
updated if any specific packet has been received since
last reset or loss of clock detect. Normal is 0x00.
Table 78.
Packet Detect Bit
Packet Detected
0
AVI infoframe
1
Audio infoframe
2
SPD infoframe
3
MPEG Source infoframe
4
ACP packets
5
ISRC1 packets
6
ISRC2 packets
0x5B
3
HDMI Mode
0 = DVI, 1 = HDMI.
0x5E
7-6
Channel Status Mode
0x5E
5-3
PCM Audio Data
0x5E
2
Copyright Information
0x5E
1
Linear PCM Identification
0x5E
0
Use of Channel Status Block
0x5F
7-0
Channel Status Category Code
0x60
7-4
Channel Number
0x60
3-0
Source Number
0x61
5-4
Clock Accuracy
0x61
3-0
Sampling Frequency
Table 79.
Code
Frequency (kHz)
0x0
44.1
0x2
48
0x3
32
0x8
88.2
0xA
96
0xC
176.4
0xE
192
0x62
3-0
Word Length
0x7B
7-0
CTS (Cycle Time Stamp) (19-12)
These are the most significant 8 bits of a 20-bit word
used in the 20-bit N term in the regeneration of the
audio clock.
0x7C
7-0
CTS (11-4)
0x7D
7-4
CTS (3-0)
0x7D
3-0
N (19-16)
These are the most significant 4 bits of a 20-bit word
used along with the 20-bit CTS term to regenerate the
audio clock.
0x80
AVI Infoframe Version
0x81
6-5
Y [1:0]
This register indicates whether data is RGB, 4:4:4 or
4:2:2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com