Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 43 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 39Page - Analog Devices AD9880/PCB Datasheet HTML 40Page - Analog Devices AD9880/PCB Datasheet HTML 41Page - Analog Devices AD9880/PCB Datasheet HTML 42Page - Analog Devices AD9880/PCB Datasheet HTML 43Page - Analog Devices AD9880/PCB Datasheet HTML 44Page - Analog Devices AD9880/PCB Datasheet HTML 45Page - Analog Devices AD9880/PCB Datasheet HTML 46Page - Analog Devices AD9880/PCB Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
AD9880
Rev. 0 | Page 43 of 64
0x20
7-0
Sync Filter Window Width
This 8-bit register sets the distance in 40 MHz clock
periods (25 ns), which is the allowed distance for
Hsync pulses before and after the expected Hsync
edge. This is the heart of the filter in that it only looks
for Hsync pulses at a given time (plus or minus this
window) and then ignores extraneous equalization
pulses that disrupt accurate PLL operation. The
power-up default setting is 10d, or 200 ns on either
side of the expected Hsync.
0x21
7
Sync Processing Filter Enable
This bit selects which Hsync is used for the sync
processing functions of internal Coast, H/V count,
field detection, and Vsync duration counts. A clean
Hsync is fundamental to accurate processing of the
sync. The power-up default setting is 1.
Table 35. Sync Processing Filter Enable
Select
Result
0
Sync processing uses raw Hsync or SOG
1
Sync processing uses regenerated Hsync from sync
filter
0x21
6
PLL Sync Filter Enable
This bit selects which signal the PLL uses. It can select
between raw Hsync or SOG, or filtered versions. The
filtering of the Hsync and SOG can eliminate nearly
all extraneous transitions which have traditionally
caused PLL disruption. The power-up default setting
is 0.
Table 36. PLL Sync Filter Enable
Select
Result
0
PLL uses raw Hsync or SOG inputs
1
PLL uses filtered Hsync or SOG inputs
0x21
5
Vsync Filter Enable
The purpose of the Vsync filter is to guarantee the
position of the Vsync edge with respect to the Hsync
edge and to generate a field signal. The filter works by
examining the placement of Vsync and regenerating a
correctly placed Vsync one line later. The Vsync is
first checked to see whether it occurs in the Field 0
position or the Field 1 position. This is done by
checking the leading edge position against the sync
separator threshold and the Hsync position. The
Hsync width is divided into four quadrants with
Quadrant 1 starting at the Hsync leading edge plus a
sync separator threshold. If the Vsync leading edge
occurs in Quadrant 1 or 4 then the field is set to 0 and
the output Vsync is placed coincident with the Hsync
leading edge. If the Vsync leading edge occurs in
Quadrant 2 or 3 then the field is set to 1 and the
output Vsync leading edge is placed in the center of
the line. In this way, the Vsync filter creates a
predictable relative position between Hsync and
Vsync edges at the output.
If the Vsync occurs near the Hsync edge, this guaran-
tees that the Vsync edge follows the Hsync edge. This
performs filtering also in that it requires a minimum
of 64 lines between Vsyncs. The Vsync filter cleans up
extraneous pulses that might occur on the Vsync. This
should be enabled whenever the Hsync/Vsync count is
used. Setting this bit to 0 disables the Vsync filter.
Setting this bit to 1 enables the Vsync filter. Power-up
default is 0.
Table 37. Vsync Filter Enable
Vsync Filter Bit
Result
0
Vsync filter disabled
1
Vsync filter enabled
0x21
4
Vsync Duration Enable
This enables the Vsync duration block which is
designed to be used with the Vsync filter. Setting the
bit to 0 leaves the Vsync output duration unchanged;
setting the bit to 1 sets the Vsync output duration
based on Register 0x22. The power-up default is 0.
Table 38. Vsync Duration Enable
Vsync
Duration Bit
Result
0
Vsync output duration unchanged
1
Vsync output duration set by 0x22
0x21
3
Auto Offset Clamp Mode
This bit specifies if the auto offset measurement takes
place during clamp or either 10 or 16 clocks afterward.
The measurement takes 6 clock cycles.
Table 39. AO Clamp Mode
AO
Offset Mode
Result
0
Auto offset measurement takes place during
clamp period
1
Auto offset measurement is set by 0x21, Bit 2
0x21
2
Auto Offset Clamp Length
This bit sets the delay following the end of the clamp
period for AO measurement. This bit is valid only if
Register 0x21, Bit 3 = 1.
Table 40. AO Clamp Length
AO Offset
Clamp Bit
Result
0
Delay is 10 clock cycles
1
Delay is 16 clock cycles
0x22
7-0
Vsync Duration
This is used to set the output duration of the Vsync,
and is designed to be used with the Vsync filter. This
is valid only if Register 0x21, Bit 4 is set to 1. Power-up
default is 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com