Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 7Page - Analog Devices AD9880/PCB Datasheet HTML 8Page - Analog Devices AD9880/PCB Datasheet HTML 9Page - Analog Devices AD9880/PCB Datasheet HTML 10Page - Analog Devices AD9880/PCB Datasheet HTML 11Page - Analog Devices AD9880/PCB Datasheet HTML 12Page - Analog Devices AD9880/PCB Datasheet HTML 13Page - Analog Devices AD9880/PCB Datasheet HTML 14Page - Analog Devices AD9880/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
AD9880
Rev. 0 | Page 11 of 64
Pin
Description
POWER SUPPLY1
VD (3.3 V)
Analog Power Supply.
These pins supply power to the ADCs and terminators. They should be as quiet and filtered as possible.
VDD (1.8 V – 3.3 V)
Digital Output Power Supply.
A large number of output pins (up to 27) switching at high speed (up to 150 MHz) generates many power supply
transients (noise). These supply pins are identified separately from the VD pins so special care can be taken to minimize
output noise transferred into the sensitive analog circuitry. If the AD9880 is interfacing with lower voltage logic, VDD
may be connected to a lower supply voltage (as low as 1.8 V) for compatibility.
PVDD (1.8 V)
Clock Generator Power Supply.
The most sensitive portion of the AD9880 is the clock generation circuitry. These pins provide power to the clock PLL
and help the user design for optimal performance. The designer should provide quiet, noise-free power to these pins.
DVDD (1.8 V)
Digital Input Power Supply.
This supplies power to the digital logic.
GND
Ground.
The ground return for all circuitry on chip. It is recommended that the AD9880 be assembled on a single solid ground
plane, with careful attention to ground current paths.
1 The supplies should be sequenced such that VD and VDD are never less than 300 mV below DVDD. At no time should DVDD be more than 300 mV greater than VD or
VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com