Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 22Page - Analog Devices AD9880/PCB Datasheet HTML 23Page - Analog Devices AD9880/PCB Datasheet HTML 24Page - Analog Devices AD9880/PCB Datasheet HTML 25Page - Analog Devices AD9880/PCB Datasheet HTML 26Page - Analog Devices AD9880/PCB Datasheet HTML 27Page - Analog Devices AD9880/PCB Datasheet HTML 28Page - Analog Devices AD9880/PCB Datasheet HTML 29Page - Analog Devices AD9880/PCB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
AD9880
Rev. 0 | Page 26 of 64
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
[6]
*1******
PLL Sync Filter Enable
Enables the PLL to use the filtered Hsync rather than the raw
Hsync. This clips any bad Hsyncs, but does not regenerate
missing pulses.
[5]
**0*****
Vsync Filter Enable
Enables the Vsync filter. The Vsync filter gives a predictable
Hsync/Vsync timing relationship but clips one Hsync period off
the leading edge of Vsync.
[4]
***0****
Vsync Duration
Enable
Enables the Vsync duration block. This block can be used if
necessary to restore the duration of a filtered Vsync.
[3]
**** 1***
Auto Offset Clamp
Mode
0 = auto offset measures code during clamp.
1 = auto offset measures code (10 or 16) clock cycles after end of
clamp for 6 clock cycles.
[2]
**** *1**
Auto Offset Clamp
Length
Sets delay after end of clamp for auto offset clamp mode = 1.
0 = Delay is 10 clock cycles.
1 = Delay is 16 clock cycles.
0x22
Read/Write
[7:0]
4
Vsync Duration
Vsync Duration.
0x23
Read/Write
[7:0]
32
Hsync Duration
Hsync Duration. Sets the duration of the output Hsync in pixel
clocks.
0x24
Read/Write
[7]
1*******
Hsync Output
Polarity
Output Hsync Polarity (both DVI and Analog). 0 = active low out.
1 = active high out.
[6]
*1******
Vsync Output Polarity
Output Vsync polarity (both DVI and analog).
0 = active low out.
1 = active high out.
[5]
**1*****
DE Output Polarity
Output DE polarity (both DVI and analog) .
0 = active low out.
1 = active high out.
[4]
***1****
Field Output Polarity
Output field polarity (both DVI and analog).
0 = active low out.
1 = active high out.
[3]
****1***
SOG Output Polarity
Output SOG polarity (analog only).
0 = active low out.
1 = active high out.
[2:1]
*****11*
SOG Output Select
Selects signal present on SOG output.
00 = SOG (SOG0 or SOG1).
01 = Raw Hsync (HSYNC0 or HSYNC1).
10 = Regenerated sync.
11 = Hsync to PLL.
[0]
*******0
Output CLK Invert
0 = Don’t invert clock out.
1 = Invert clock out.
0x25
Read/Write
[7:6]
01******
Output CLK Select
Select which clock to use on output pin. 1× CLK is divided down
from TMDS clock input when pixel repetition is in use.
00 = ½× CLK.
01 = 1× CLK.
10 = 2× CLK.
11 = 90° phase 1X CLK.
[5:4]
**11****
Output Drive
Strength
Set the drive strength of the outputs.
00 = lowest, 11 = highest.
[3:2]
****00**
Output Mode
Selects which pins the data comes out on.
00 = 4:4:4 mode (normal).
01 = 4:2:2 + DDR 4:2:2 on blue.
10 = DDR 4:4:4 + DDR 4:2:2 on blue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com