Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 51 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 47Page - Analog Devices AD9880/PCB Datasheet HTML 48Page - Analog Devices AD9880/PCB Datasheet HTML 49Page - Analog Devices AD9880/PCB Datasheet HTML 50Page - Analog Devices AD9880/PCB Datasheet HTML 51Page - Analog Devices AD9880/PCB Datasheet HTML 52Page - Analog Devices AD9880/PCB Datasheet HTML 53Page - Analog Devices AD9880/PCB Datasheet HTML 54Page - Analog Devices AD9880/PCB Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
AD9880
Rev. 0 | Page 51 of 64
Table 80.
Y
Video Data
00
RGB
01
YCbCr 4:2:2
10
YCbCr 4:4:4
0x81
4
Active Format Information Present
0 = no data
1 = active format information valid
0x81
3-2
Bar Information
Table 81.
B
Bar Type
00
No bar information
01
Horizontal bar information valid
10
Vertical bar information valid
11
Horizontal and vertical bar information valid
0x81
1-0
Scan Information
Table 82.
S [1:0]
Scan Type
00
No information
01
Overscanned (television)
10
Underscanned (computer)
0x82
7-6
Colorimetry
Table 83.
C [1:0]
Colorimetry
00
No data
01
SMPTE 170M, ITU601
10
ITU 709
0x82
5-4
Picture Aspect Ratio
Table 84.
M[1:0]
Aspect Ratio
00
No data
01
4:3
10
16:9
0x82
3-0
Active Format Aspect Ratio
Table 85.
R [3:0]
Active Format A/R
0x8
Same as picture aspect ratio (M [1:0])
0x9
4:3 (center)
0xA
16:9 (center)
0xB
14:9 (center)
0x83
1-0
Nonuniform Picture Scaling
Table 86.
SC [1:0]
Picture Scaling
00
No known nonuniform scaling
01
Has been scaled horizontally
10
Has been scaled vertically
11
Has been scaled both horizontally and vertically
0x84
6-0
Video ID Code
See CEA EDID short video descriptors.
0x85
3-0
Pixel Repeat
This value indicates how many times the pixel was
repeated. 0x0 = no repeats, sent once, 0x8 = 8 repeats,
sent 9 times, and so on.
0x86
7-0
Active Line Start LSB
Combined with the MSB in Register 0x88, these bits
indicate the beginning line of active video. All lines
before this comprise a top horizontal bar. This is used
in letter box modes. If the 2-byte value is 0x00, there is
no horizontal bar.
0x87
6-0
New Data Flags (NDF)
This register indicates whether data in specific
sections has changed. In the address space from 0x80
to 0xFF, each register address ending in 0b111 (for
example, 0x87, 0x8F, 0x97, 0xAF) is an NDF register.
They all have the same data and all are reset upon
reading any one of them.
Table 87.
NDF Bit number
Changes Occurred
0
AVI infoframe
1
Audio infoframe
2
SPD infoframe
3
MPEG Source infoframe
4
ACP packets
5
ISRC1 packets
6
ISRC2 packets
0x88
7-0
Active Line Start MSB
See Register 0x86.
0x89
7-0
Active Line End LSB
Combined with the MSB in Register 0x8A these bits
indicate the last line of active video. All lines past this
comprise a lower horizontal bar. This is used in letter-
box modes. If the 2-byte value is greater than the
number of lines in the display, there is no lower
horizontal bar.
0x8A
7-0
Active Line End MSB
See Register 0x89.
0x8B
7-0
Active Pixel Start LSB
Combined with the MSB in Register 0x8C, these bits
indicate the first pixel in the display which is active
video. All pixels before this comprise a left vertical bar.
If the 2-byte value is 0x00, there is no left bar.
0x8C
7-0
Active Pixel Start MSB
See Register 0x8B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com