Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 13Page - Analog Devices AD9880/PCB Datasheet HTML 14Page - Analog Devices AD9880/PCB Datasheet HTML 15Page - Analog Devices AD9880/PCB Datasheet HTML 16Page - Analog Devices AD9880/PCB Datasheet HTML 17Page - Analog Devices AD9880/PCB Datasheet HTML 18Page - Analog Devices AD9880/PCB Datasheet HTML 19Page - Analog Devices AD9880/PCB Datasheet HTML 20Page - Analog Devices AD9880/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
AD9880
Rev. 0 | Page 17 of 64
Sync Slicer
The purpose of the sync slicer is to extract the sync signal from
the green graphics or luminance video signal that is connected
to the SOGIN input. The sync signal is extracted in a two step
process. First, the SOG input (typically 0.3 V below the black
level) is detected and clamped to a known dc voltage. Next, the
signal is routed to a comparator with a variable trigger level (set
by Register 0x1D, Bits [7:3]), but nominally 0.128 V above the
clamped voltage. The sync slicer output is a digital composite
sync signal containing both Hsync and Vsync information (see
Figure 9).
AD9880
PLL CLOCK
GENERATOR
HSYNC FILTER
AND
REGENERATOR
HSYNC 0
SOG OUT
HSYNC
COAST
DATACK
SOGIN 0
COAST
CHANNEL
SELECT
VSYNC 1
ODD/EVEN
FIELD
MUX
MUX
MUX
RH3
FH4
SP5
MUX
1ACTIVITY DETECT
2POLARITY DETECT
3REGENERATED HSYNC
4FILTERED HSYNC
5SET POLARITY
SP5
AD1
PD2
PD2
AD1
PD2
AD1
PD2
SYNC
SLICER
SYNC
SLICER
VSYNC 0
HSYNC 1
HSYNC OUT
VSYNC OUT
SOGIN 1
HSYNC/VSYNC
COUNTER
REG 26H, 27H
SYNC
PROCESSOR
AND
VSYNC FILTER
MUX
MUX
PLL SYNC FILTER EN
0x21:6
SP SYNC FILTER EN
0x21:7
SOGOUT SELECT
0x24:2,1
[0x11:7]
HSYNC
SELECT
[0x11:3]
COAST SELECT
0x12:1
VSYNC FILTER EN
0x21:5
FILTER COAST VSYNC
0x12:0
VSYNC
VSYNC
FILTERED
VSYNC
AD1
AD1
AD1
SP5
SP5
MUX
MUX
MUX
Figure 8. Sync Processing Block Diagram
SOG INPUT
SOGOUT OUTPUT
CONNECTED TO
HSYNCIN
NEGATIVE PULSE WIDTH = 40 SAMPLE CLOCKS
COMPOSITE
SYNC
AT HSYNCIN
VSYNCOUT
FROM SYNC
SEPARATOR
–300mV
–300mV
700mV MAXIMUM
0mV
Figure 9. Sync Slicer and Sync Separator Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com