Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 31Page - Analog Devices AD9880/PCB Datasheet HTML 32Page - Analog Devices AD9880/PCB Datasheet HTML 33Page - Analog Devices AD9880/PCB Datasheet HTML 34Page - Analog Devices AD9880/PCB Datasheet HTML 35Page - Analog Devices AD9880/PCB Datasheet HTML 36Page - Analog Devices AD9880/PCB Datasheet HTML 37Page - Analog Devices AD9880/PCB Datasheet HTML 38Page - Analog Devices AD9880/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
AD9880
Rev. 0 | Page 35 of 64
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
0xBD
Read
[1:0]
MPEG Frame
MF [1:0] This identifies whether frame is an I, B, or P picture.
00
= unknown.
01
= I picture.
10
= B picture.
11
= P picture.
0xBE
Read
[7:0]
Reserved.
0xBF
Read
[6:0]
New Data Flags
New data flags (see 0x87).
0xC0
Read
[7:0]
Audio content protection packet (ACP) type.
0x00
=
Generic audio.
0x01
=
IEC 60958-identified audio.
0x02
=
DVD-audio.
0x03
=
Reserved for super audio CD (SACD).
Audio Content
Protection Packet
(ACP) Type
0x04
–
0xFF reserved.
0xC1
Read
[7:0]
ACP Packet Byte 0
ACP Packet Byte 0 (ACP_PB0).
0xC2
Read
[7:0]
ACP_PB1
ACP_PB1.
0xC3
Read
[7:0]
ACP_PB2
ACP_PB2.
0xC4
Read
[7:0]
ACP_PB3
ACP_PB3.
0xC5
Rea
[7:0]
ACP_PB4
ACP_PB4.
0xC6
Read
[7:0]
ACP_PB5
ACP_PB5.
0xC7
Read
[6:0]
NDF
New data flags (see 0x87).
0xC8
7
ISRC1 Continued
International standard recording code (ISRC1) continued—This
indicates an ISRC2 packet is being transmitted.
Read
6
ISRC1 Valid
0 = ISRC1 status BITS and PBs not valid.
1 = ISRC1 status BITS and PBs valid.
001
= starting position.
[2:0]
ISRC1 Status
010
= intermediate position.
100 = final position.
0xC9
Read
[7:0]
ISRC1 Packet Byte 0
ISRC1 Packet Byte 0 (ISRC1_PB0).
0xCA
Read
[7:0]
ISRC1_PB1
ISRC1_PB1.
0xCB
Read
[7:0]
ISRC1_PB2
ISRC1_PB2.
0xCC
Read
[7:0]
ISRC1_PB3
ISRC1_PB3.
0xCD
Read
[7:0]
ISRC1_PB4
ISRC1_PB4.
0xCE
Read
[7:0]
ISRC1_PB5
ISRC1_PB5.
0xCF
Read
[6:0]
NDF
New data flags (see 0x87).
0xD0
Read
[7:0]
ISRC1_PB6
ISRC1_PB6.
0xD1
Read
[7:0]
ISRC1_PB7
ISRC1_PB7.
0xD2
Read
[7:0]
ISRC1_PB8
ISRC1_PB8.
0xD3
Read
[7:0]
ISRC1_PB9
ISRC1_PB9.
0xD4
Read
[7:0]
ISRC1_PB10
ISRC1_PB10.
0xD5
Read
[7:0]
ISRC1_PB11
ISRC1_PB11.
0xD6
Read
[7:0]
ISRC1_PB12
ISRC1_PB12.
0xD7
Read
[6:0]
NDF
New data flags (see 0x87).
0xD8
Read
[7:0]
ISRC1_PB13
ISRC1_PB13.
0xD9
Read
[7:0]
ISRC1_PB14
ISRC1_PB14.
0xDA
Read
[7:0]
ISRC1_PB15
ISRC1_PB15.
0xDB
Read
[7:0]
ISRC1_PB16
ISRC1_PB16.
0xDC
Read
[7:0]
ISRC2 Packet Byte 0
ISRC2 Packet Byte 0 (ISRC2_PB0)—This is transmitted only when
the ISRC_ continue bit (Register 0xC8, Bit 7) is set to 1.
0xDD
Read
[7:0]
ISRC2_PB1
ISRC2_PB1.
0xDE
Read
[7:0]
ISRC2_PB2
ISRC2_PB2.
0xDF
Read
[6:0]
New Data Flags
New data flags (see 0x87).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com