Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 54 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 50Page - Analog Devices AD9880/PCB Datasheet HTML 51Page - Analog Devices AD9880/PCB Datasheet HTML 52Page - Analog Devices AD9880/PCB Datasheet HTML 53Page - Analog Devices AD9880/PCB Datasheet HTML 54Page - Analog Devices AD9880/PCB Datasheet HTML 55Page - Analog Devices AD9880/PCB Datasheet HTML 56Page - Analog Devices AD9880/PCB Datasheet HTML 57Page - Analog Devices AD9880/PCB Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
AD9880
Rev. 0 | Page 54 of 64
0xA0
7-0
VN7
0xA1
7-0
VN8
0xA2
7-0
Product Description Character 1 (PD1)
This is the first character of 16 which contains the
model number and a short description of the product.
The data characters are 7-bit ASCII code.
0xA3
7-0
PD2
0xA4
7-0
PD3
0xA5
7-0
PD4
0xA6
7-0
PD5
0xA7
6-0
New Data Flags
See Register 0x87 for a description.
0xA8
7-0
PD6
0xA9
7-0
PD7
0xAA
7-0
PD8
0xAB
7-0
PD9
0xAC
7-0
PD10
0xAD
7-0
PD11
0xAE
7-0
PD12
0xAF
6-0
New Data Flags
See Register 0x87 for a description.
0xB0
7-0
PD13
0xB1
7-0
PD14
0xB2
7-0
PD15
0xB3
7-0
PD16
0xB4
7-0
Source Device Information Code
These bytes classify the source device.
Table 92.
SDI Code
Source
0x00
Unknown
0x01
Digital STB
0x02
DVD
0x03
D-VHS
0x04
HDD video
0x05
DVC
0x06
DSC
0x07
Video CD
0x08
Game
0x09
PC general
0xB7
6-0
New Data Flags
See Register 0x87 for a description.
0xB8
7-0
MPEG Source Infoframe Version
0xB9
7-0
MPEG Bit Rate Byte 0 (MB0)
This is the lower 8 bits of 32 bits that specify the
MPEG bit rate in Hz.
0xBA
7-0
MB1
0xBB
7-0
MB2
0xBC
7-0
MB3—Upper Byte
0xBD
4
Field Repeat
This defines whether the field is new or repeated.
Table 93.
FR
Field Type
0
New field or picture
1
Repeated field
0xBD
1-0
MPEG Frame
This identifies the frame as I, B, or P.
Table 94.
MF [1-0]
Frame Type
00
Unknown
01
I—picture
10
B—picture
11
P—picture
0xBE
7-0
Reserved
0xBF
6-0
New Data Flags
See Register 0x87 for a description.
0xC0
7-0
Audio Content Protection Packet (ACP
Type)
These bits define which audio content protection is used.
Table 95.
Code
ACP Type
0x00
Generic audio
0x01
IEC 60958-identified audio
0x02
DVD-audio
0x03
Reserved for super audio CD (SACD)
0x04—0xFF
Reserved
0xC1
ACP Packet Byte 0 (ACP_PB0)
0xC2
7-0
ACP_PB1
0xC3
7-0
ACP_PB2
0xC4
7-0
ACP_PB3
0xC5
7-0
ACP_PB4
0xC7
6-0
New Data Flags
See Register 0x87 for a description.
0xC8
7
International Standard Recording Code
(ISRC1) Continued
This bit indicates that a continuation of the 16 ISRC1
packet bytes (an ISRC2 packet) is being transmitted.
0xC8
6
ISRC1 Valid
This bit is an indication of the whether ISRC1 packet
bytes are valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com