Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880/PCB Datasheet(PDF) 31 Page - Analog Devices

Part # AD9880/PCB
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880/PCB Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9880/PCB Datasheet HTML 27Page - Analog Devices AD9880/PCB Datasheet HTML 28Page - Analog Devices AD9880/PCB Datasheet HTML 29Page - Analog Devices AD9880/PCB Datasheet HTML 30Page - Analog Devices AD9880/PCB Datasheet HTML 31Page - Analog Devices AD9880/PCB Datasheet HTML 32Page - Analog Devices AD9880/PCB Datasheet HTML 33Page - Analog Devices AD9880/PCB Datasheet HTML 34Page - Analog Devices AD9880/PCB Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
AD9880
Rev. 0 | Page 31 of 64
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
Frequency
0000
=
44.1 kHz.
1000
=
88.2 kHz.
1100
=
176.4 kHz.
0010
=
48k Hz.
1010
=
96 kHz.
1110
=
192 kHz.
0x62
Read
[3:0]
Word Length
Word length.
0000
not specified.
0100
16 bits.
0011
17 bits.
0010
18 bits.
0001
19 bits.
0101
20 bits.
1000
not specified.
1100
20 bits.
1011
21 bits.
1010
22 bits.
1001
23 bits.
1101
24 bits.
0x7B
Read
[7:0]
CTS [19:12]
Cycle time stamp—this 20-bit value is used with the N value to
regenerate an audio clock. For remaining bits see Register 0x7C
and Register 0x7D.
0x7C
Read
[7:0]
CTS [11:4]
0x7D
Read
[7:4]
CTS [3:0]
Read
[3:0]
N [19:16]
20-bit N used with CTS to regenerate the audio clock. For
remaining bits, see Register 0x7E and Register 0x7F.
0x7E
Read
[7:0]
N [15:8]
0x7F
Read
[7:0]
N [7:0]
AVI Infoframe
0x80
Read
[7:0]
AVI Infoframe Version
0x81
Read
[6:5]
Y [1:0] Indicates RGB, 4:2:2 or 4:4:4.
00
= RGB.
01
= YCbCr 4:2:2.
10
= YCbCr 4:4:4.
4
Active Format
Active format information present.
Information Status
0
= no data.
1
= active format information valid.
[3:2]
Bar Information
B [1:0].
00
= no bar information.
01
= horizontal bar information valid.
10
= vertical bar information valid.
11
= horizontal and vertical bar information valid.
[1:0]
Scan Information
S [1:0].
00
= no information.
01
= overscanned (television).
10
= underscanned (computer).
0x82
Read
[7:6]
Colorimetry
C [1:0].
00
= no data.
01
= SMPTE 170M, ITU601.
10
= ITU709.
[5:4]
Picture Aspect Ratio
M [1:0].
00
= no data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com