Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB5378 Datasheet HTML 1Page - Cirrus Logic CDB5378 Datasheet HTML 2Page - Cirrus Logic CDB5378 Datasheet HTML 3Page - Cirrus Logic CDB5378 Datasheet HTML 4Page - Cirrus Logic CDB5378 Datasheet HTML 5Page - Cirrus Logic CDB5378 Datasheet HTML 6Page - Cirrus Logic CDB5378 Datasheet HTML 7Page - Cirrus Logic CDB5378 Datasheet HTML 8Page - Cirrus Logic CDB5378 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
CDB5378
DS639DB3
5
1. INITIAL SETUP
1.1
Kit Contents
The CDB5378 evaluation kit includes:
• CDB5378 Evaluation Board
• USB Cable (A to B)
• Software Download Information Card
The following are required to operate CDB5378, and are not included:
• Bipolar Power Supply with Banana Jack Outputs (+/-12 V @ 100 mA)
• Banana Jack Cables (4x)
• PC Running Windows 2000 or XP with an Available USB Port
• Internet Access to Download the Evaluation Software
1.2
Hardware Setup
To set up the CDB5378 evaluation board:
• Set all jumpers and DIP switches to their default settings (see next sections).
• With power off, connect the CDB5378 power inputs to the power supply outputs.
VA- = -12 V
VA+ = +12 V
GND = 0 V
VD = +12 V
• Connect the USB cable between the CDB5378 USB connector and the PC USB port.
• Proceed to the Software Setup section to install the evaluation software and USB driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com