Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 27Page - Cirrus Logic CDB5378 Datasheet HTML 28Page - Cirrus Logic CDB5378 Datasheet HTML 29Page - Cirrus Logic CDB5378 Datasheet HTML 30Page - Cirrus Logic CDB5378 Datasheet HTML 31Page - Cirrus Logic CDB5378 Datasheet HTML 32Page - Cirrus Logic CDB5378 Datasheet HTML 33Page - Cirrus Logic CDB5378 Datasheet HTML 34Page - Cirrus Logic CDB5378 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
CDB5378
DS639DB3
31
The VA+ and VA- power supplies to the analog components on CDB5378 can be jumpered to use regu-
lated bipolar power supplies (+2.5 V, -2.5 V), regulated unipolar power supplies (+5 V, GND), or unregu-
lated direct connections (EXT_VA+, EXT_VA-). When using direct connections to EXT_VA+ and
EXT_VA-, extreme care must be taken not to exceed the maximum specified power supply voltages of
the analog components on CDB5378.
Characterization testing has shown the analog components on CDB5378 work best using bipolar analog
power supplies (+2.5 V, -2.5 V) instead of unipolar analog power supplies (+5 V, GND). It is recommend-
ed to always use the regulated bipolar analog power supplies for optimal performance.
The VA+ and VA- power supply nets to the analog components on CDB5378 include reverse-biased
Schottkey diodes to ground to protect against reverse voltages that could latch-up the CMOS analog com-
ponents. Also included on VA+ and VA- are 100 uF bulk capacitors for bypassing and to help settle tran-
sients plus individual 0.1 uF bypass capacitors local to the analog power supply pins of each device.
2.4.2
Digital Voltage Regulators
Linear voltage regulators create the positive digital power supply voltages on CDB5378. Jumper options
select which external power supply input voltage, EXT_VD or EXT_VA+, is supplied to the digital voltage
regulators to create the VD and VCORE power supplies.
The VD and VCORE power supplies on CDB5378 can be jumpered to use regulated +3.3 V or +2.5 V
power supplies or an unregulated direct connection to EXT_VD. Extreme care must be taken when using
a direct connection to EXT_VD not to exceed the maximum specified power supply voltages of the digital
components on CDB5378.
Specification
Value
Negative Analog Supply, -2.5VA
-2.5 V
Low Noise Micropower Regulator - Linear Tech
LT1964ES5-BYP
Surface Mount Package Type
SOT-23
Load Regulation, -40 C to +85 C
+/- 30 mV
Quiescent Current, Current @ 100 mA Load
30
µA, 1.3 mA
Output Voltage Noise, 10 Hz - 100 kHz
20
µVRMS
Ripple Rejection, DC - 200 Hz
> 45 dB
Specification
Value
Positive Digital Power Supply
+2.5 V, +3.3 V
Low Noise Micropower Regulator - Linear Tech
LT1763CS8
Surface Mount Package Type
SO-8
Load Regulation, -40 C to +85 C
+/- 25 mV
Quiescent Current, Current @ 100 mA Load
40
µA, 2 mA
Output Voltage Noise, 10 Hz - 100 kHz
20
µVRMS
Ripple Rejection, DC - 200 Hz
> 50 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com