Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 20Page - Cirrus Logic CDB5378 Datasheet HTML 21Page - Cirrus Logic CDB5378 Datasheet HTML 22Page - Cirrus Logic CDB5378 Datasheet HTML 23Page - Cirrus Logic CDB5378 Datasheet HTML 24Page - Cirrus Logic CDB5378 Datasheet HTML 25Page - Cirrus Logic CDB5378 Datasheet HTML 26Page - Cirrus Logic CDB5378 Datasheet HTML 27Page - Cirrus Logic CDB5378 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
CDB5378
24
DS639DB3
Figure 3. CPLD Default Signal Assignments
///////////////////////////////////////////////////////////////////////////
// MODULE:
CDB5378 top module
//
// FILE NAME:
Top module for connecting CS5378 to C8051F320
// VERSION:
1.0
// DATE:
February 1, 2006
// COPYRIGHT:
Cirrus Logic, Inc.
//
// CODE TYPE:
Register Transfer Level
//
// DESCRIPTION: This module includes assignments for signals between
//
the serial port of CS5378 and the SLAB micro.
//
///////////////////////////////////////////////////////////////////////////
module cdb5378(
sck_mc,
// 5 I serial clock from printer port
miso_mc,
// 6 O serial output
mosi_mc,
// 7 I serial input
ssz_mc,
// 8 I slave select (active low)
drdyz_mc,
// 9 O data ready (active low)
sck,
// 61 O serial clock
miso,
// 60 I serial output
mosi,
// 58 O serial input
ssz,
// 57 O slave select (active low)
drdyz,
// 56 I data ready (active low)
sync_pb,
// 94 I pushbutton sync
sync_mc,
// 13 I sync from micro
sync,
// 53 O sync to CS5378
timeb_pb,
// 93 I pushbutton timebreak
timeb_mc,
// 14 I timebreak from micro
timeb,
// 52 O timebreak to CS5378
cpld0_mc,
// 16 I reset from micro
reset_cpld
// 1 O reset to CS5378
);
//////////////////
// input signals
//////////////////
input sck_mc, mosi_mc, ssz_mc;
input miso, drdyz;
input sync_pb, sync_mc;
input timeb_pb, timeb_mc;
input cpld0_mc;
//////////////////
//output signals
//////////////////
output miso_mc, drdyz_mc;
output sck, mosi, ssz;
output sync, timeb;
output reset_cpld;
///////////////////////
// signal assignments
///////////////////////
assign sck = sck_mc;
assign miso_mc = miso;
assign mosi = mosi_mc;
assign ssz = ssz_mc;
assign drdyz_mc = drdyz;
assign reset_cpld = cpld0_mc;
assign sync = sync_pb | sync_mc;
assign timeb = timeb_pb | timeb_mc;
endmodule



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com