Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 40Page - Cirrus Logic CDB5378 Datasheet HTML 41Page - Cirrus Logic CDB5378 Datasheet HTML 42Page - Cirrus Logic CDB5378 Datasheet HTML 43Page - Cirrus Logic CDB5378 Datasheet HTML 44Page - Cirrus Logic CDB5378 Datasheet HTML 45Page - Cirrus Logic CDB5378 Datasheet HTML 46Page - Cirrus Logic CDB5378 Datasheet HTML 47Page - Cirrus Logic CDB5378 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
CDB5378
44
DS639DB3
3.3.7
External Macros
Macros are generated within the Macros sub-panel on the Control panel. Once a macro has been built
it can either be saved with a unique macro name to be run within the Macros sub-panel, or saved as an
external macro and be associated with one of the External Macro buttons.
A macro is saved as an External Macro by saving it in the . /macros/ subdirectory using the name
‘m1.mac’, ‘m2.mac’, etc. Depending on the selected name the macro will be associated with the corre-
sponding External Macro button M1, M2, etc.
• M1 = . /macros/m1.mac
• M2 = . /macros/m2.mac
•etc.
External Macro buttons can be re-named on the panel by right clicking on them. The button name will-
change, but the macro associated with that button is always saved as ‘m1.mac’, ‘m2.mac’, etc., in the
./macros/ subdirectory. The External Macro button names are stored in the file ‘Mnames.txt’, also in the
./macros/ subdirectory.
External Macros allow up to eight macros to be accessed quickly without having to load them into the Mac-
ros sub-panel on the Control panel. These External Macros operate independently of the Macros sub-
panel and are not affected by operations within it, except when a macro is saved to the ./macros/ subdi-
rectory to replace a currently existing External Macro.
Control
Description
M1 - M8
Runs the External Macro associated with that button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com