Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 36Page - Cirrus Logic CDB5378 Datasheet HTML 37Page - Cirrus Logic CDB5378 Datasheet HTML 38Page - Cirrus Logic CDB5378 Datasheet HTML 39Page - Cirrus Logic CDB5378 Datasheet HTML 40Page - Cirrus Logic CDB5378 Datasheet HTML 41Page - Cirrus Logic CDB5378 Datasheet HTML 42Page - Cirrus Logic CDB5378 Datasheet HTML 43Page - Cirrus Logic CDB5378 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
CDB5378
40
DS639DB3
3.3.3
Analog Front End
The Analog Front End sub-panel configures the amplifier, modulator and test DAC pin options. Pin op-
tions are controlled through the GPIO outputs of the digital filter.
Any changes made under this sub-panel will not be applied to the target board until the Configure button
is pushed. The Configure button writes the new configuration to the target board and then enables the
data Capture button.
Control
Description
Amp Mux
Selects the input source for the CS3301/02 amplifiers. An internal termination, exter-
nal INA inputs or external INB inputs can be selected.
DAC Mode
Selects the operational mode of the CS5373A test DAC. The test DAC operational
modes are AC dual output (OUT&BUF), AC precision output (OUT only), AC buffered
output (BUF only), DC common mode output (DC Common), DC differential output
(DC Diff), or AC common mode output (AC Common). The test DAC can also be
powered down (PWDN) when not in use to save power.
Gain
Sets the amplifier gain range and test DAC attenuation. Amplifier gain and DAC
attenuation settings of 1x, 2x, 4x, 8x, 16x, 32x, or 64x can be selected and are con-
trolled together.
Pwdn
Disabled for CDB5378. PWDN routes to DIP switch S5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com