Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5378 Datasheet HTML 1Page - Cirrus Logic CDB5378 Datasheet HTML 2Page - Cirrus Logic CDB5378 Datasheet HTML 3Page - Cirrus Logic CDB5378 Datasheet HTML 4Page - Cirrus Logic CDB5378 Datasheet HTML 5Page - Cirrus Logic CDB5378 Datasheet HTML 6Page - Cirrus Logic CDB5378 Datasheet HTML 7Page - Cirrus Logic CDB5378 Datasheet HTML 8Page - Cirrus Logic CDB5378 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
www.cirrus.com
CDB5378
Single-channel Seismic Evaluation System
Features
Single-channel Seismic Acquisition Node
– CS3301 geophone amplifier
– CS5373A
∆Σ modulator + test DAC
– CS5378 digital filter + PLL
– Precision voltage reference
On-board Microcontroller
– SPI™ interface to digital filter
– USB communication with PC
PC Evaluation Software
– Register setup & control
– FFT frequency analysis
– Time domain analysis
– Noise histogram analysis
General Description
The CDB5378 board is used to evaluate the functionality
and performance of the Cirrus Logic single-channel seis-
mic chip set. Data sheets for the CS3301, CS5373A, and
CS5378 devices should be consulted when using the
CDB5378 evaluation board.
Screw terminals connect an external differential geo-
phone or hydrophone sensor to the analog inputs of the
measurement channel. An on-board test DAC creates
precision differential analog signals for in-circuit perfor-
mance testing without an external signal source.
The evaluation board includes an 8051-type microcon-
troller with hardware SPI™ and USB serial interfaces.
The microcontroller communicates with the digital filter
via SPI and with the PC evaluation software via USB.
The PC software controls register and coefficient initial-
ization and performs time domain, histogram, and FFT
frequency analysis on captured data.
ORDERING INFORMATION
CDB5378
Evaluation Board
AUG ‘06
DS639DB3


Similar Part No. - CDB5378

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5376 CIRRUS-CDB5376 Datasheet
5Mb / 78P
Multichannel Seismic Evaluation System
More results

Similar Description - CDB5378

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5376 CIRRUS-CDB5376 Datasheet
5Mb / 78P
Multichannel Seismic Evaluation System
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
Evaluation System
logo
Maxim Integrated Produc...
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
Evaluation System
Rev 0; 3/10
logo
Bud Industries, Inc.
SCR8836 BUD-SCR8836 Datasheet
237Kb / 1P
SEISMIC RACK
logo
Maxim Integrated Produc...
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
Evaluation System
Rev 1; 5/19
logo
Amphenol Wilcoxon Sensi...
731A-P31 WILCOXON-731A-P31 Datasheet
336Kb / 1P
Seismic accelerometer and power amplifier system
Rev.C.3 09/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com