Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 18Page - Cirrus Logic CDB5378 Datasheet HTML 19Page - Cirrus Logic CDB5378 Datasheet HTML 20Page - Cirrus Logic CDB5378 Datasheet HTML 21Page - Cirrus Logic CDB5378 Datasheet HTML 22Page - Cirrus Logic CDB5378 Datasheet HTML 23Page - Cirrus Logic CDB5378 Datasheet HTML 24Page - Cirrus Logic CDB5378 Datasheet HTML 25Page - Cirrus Logic CDB5378 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
CDB5378
22
DS639DB3
2.3.1.2
Configuration - SPI Port
On CDB5378, configuration of the digital filter is through the SPI port by the on-board 8051 microcontrol-
ler, which receives commands from the PC evaluation software via the USB interface. Evaluation software
commands can write/read digital filter registers, specify digital filter coefficients and start/stop digital filter
operation. Alternately, the digital filter can automatically load configuration information from an on-board
serial EEPROM.
The configuration method for the digital filter is selected by the BOOT signal from a dip switch (S1, #4).
By default the BOOT signal is set low (S1, #4 - LO) to indicate configuration information is written by the
microcontroller. If BOOT is instead set high (S1, #4 - HI), the digital filter attempts to automatically read
configuration information from the serial EEPROM after reset. Configuration information is initially written
into the serial EEPROM by jumpering its chip select input (EECS) to the microcontroller chip select output
(SS) and sending EEPROM programming commands and data from the PC evaluation software.
2.3.1.3
Phase Locked Loop
To make synchronous analog measurements throughout a distributed system, a synchronous system
clock is required to be provided to each measurement node. For evaluation testing purposes, a BNC clock
input on CDB5378 can receive an external system clock and create a synchronous local clock using the
CS5378 PLL.
The system clock into the BNC clock input is applied to the CS5378 CLK input by selecting CLK_EXT on
the DIGITAL FILTER CLOCK jumper (J16). The CS5378 PLL input frequency is specified at reset by the
state of the GPIO[4..6]:PLL[0..2] pins, as detailed in the CS5378 data sheet.
Specification
Value
Input Clock Frequency
1.024, 2.048, 4.096 MHz
Distributed Clock Synchronization
± 240 ns
Maximum Input Clock Jitter, RMS
1 ns
Specification
Value
PLL Internal Clock Frequency
32.768 MHz
Maximum Jitter, RMS
300 ps
Loop Filter Architecture
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com