Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 5Page - Cirrus Logic CDB5378 Datasheet HTML 6Page - Cirrus Logic CDB5378 Datasheet HTML 7Page - Cirrus Logic CDB5378 Datasheet HTML 8Page - Cirrus Logic CDB5378 Datasheet HTML 9Page - Cirrus Logic CDB5378 Datasheet HTML 10Page - Cirrus Logic CDB5378 Datasheet HTML 11Page - Cirrus Logic CDB5378 Datasheet HTML 12Page - Cirrus Logic CDB5378 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
CDB5378
DS639DB3
9
1.3
Software Setup
1.3.1
PC Requirements
The PC hardware requirements for the Cirrus Seismic Evaluation system are:
• Windows XP, Windows 2000, Windows NT
• Intel Pentium 600MHz or higher microprocessor
• VGA resolution or higher video card
• Minimum 64MB RAM
• Minimum 40MB free hard drive space
1.3.2
Seismic Evaluation Software Installation
Important: For reliable USB communication, the USBXpress driver must be installed after the Seismic
Evaluation Software installation but before launching the application. The USBXpress driver files are in-
cluded in a sub-folder as part of the installation.
To install the Cirrus Logic Seismic Evaluation Software:
• Go to the Cirrus Logic Industrial Software web page (http://www.cirrus.com/industrialsoftware). Click
the link for “Cirrus Seismic Evaluation GUI” to get to the download page and then click the link for “Cir-
rus Seismic Evaluation GUI Release Vxx” (xx indicates the version number).
• Read the software license terms and click “Accept” to download the “SeismicEvalGUI_vxx.zip” file to
any directory on the PC.
• Unzip the downloaded file to any directory and a “distribution” sub-folder containing the installation ap-
plication will automatically be created.
• Open the “distribution” sub-folder and run “setup.exe”. If the Seismic Evaluation Software has been
previously installed, the uninstall wizard will automatically remove the previous version and you will
need to run “setup.exe” again.
• Follow the instructions presented by the Cirrus Seismic Evaluation Installation Wizard. The default in-
stallation location is “C:\Program Files\Cirrus Seismic Evaluation”.
An application note, AN271 - Cirrus Seismic Evaluation GUI Installation Guide, is available from the Cirrus
Logic web site with step-by-step instructions on installing the Seismic Evaluation Software.
1.3.3
USBXpress Driver Installation
Important: For reliable USB communication, the USBXpress driver must be installed after the Seismic
Evaluation Software installation but before launching the application. The USBXpress driver files are in-
cluded in a sub-folder as part of the installation.
The Cirrus Logic Seismic Evaluation Software communicates with CDB5378 via USB using the USBX-
press driver from Silicon Laboratories (http://www.silabs.com). For convenience, the USBXpress driver
files are included as part of the installation package.
To install the USBXpress driver (after installing the Seismic Evaluation Software):
• Connect CDB5378 to the PC through an available USB port and apply power. The PC will detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com